Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD73311LARUZ-RL7 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD73311LARUZ-RL7
Descripción Electrónicos  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD73311LARUZ-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD73311LARUZ-RL7 Datasheet HTML 4Page - Analog Devices AD73311LARUZ-RL7 Datasheet HTML 5Page - Analog Devices AD73311LARUZ-RL7 Datasheet HTML 6Page - Analog Devices AD73311LARUZ-RL7 Datasheet HTML 7Page - Analog Devices AD73311LARUZ-RL7 Datasheet HTML 8Page - Analog Devices AD73311LARUZ-RL7 Datasheet HTML 9Page - Analog Devices AD73311LARUZ-RL7 Datasheet HTML 10Page - Analog Devices AD73311LARUZ-RL7 Datasheet HTML 11Page - Analog Devices AD73311LARUZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD73311
–8–
REV. B
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5a. S/(N+D) vs. VIN (ADC @ 3 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5b. S/(N+D) vs. VIN (DAC @ 3 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5c. S/(N+D) vs. VIN (ADC @ 5 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)
VIN – dBm0
–85
3.17
–75
–65
–55
–45
–35
–25
–15
0
80
70
–10
30
20
10
0
50
40
60
–5
Figure 5d. S/(N+D) vs. VIN (DAC @ 5 V) over Voiceband
Bandwidth (300 Hz – 3.4 kHz)
t7
t9
t10
t11
t12
THREE-
STATE
THREE-
STATE
THREE-
STATE
SE (I)
SCLK (O)
SDIFS (I)
SDI (I)
SDOFS (O)
SDO (O)
D15
D14
D1
D0
D15
D15
D2
D1
D0
D15
D14
t8
t7
t8
Figure 4. Serial Port (SPORT)


Número de pieza similar - AD73311LARUZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
More results

Descripción similar - AD73311LARUZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com