Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM74ALS163BM Datasheet(PDF) 6 Page - Fairchild Semiconductor |
|
DM74ALS163BM Datasheet(HTML) 6 Page - Fairchild Semiconductor |
6 / 9 page www.fairchildsemi.com 6 Absolute Maximum Ratings(Note 1) Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the conditions for actual device operation. Recommended Operating Conditions Note 2: The symbol ( ↑) indicates that the rising edge of the clock is used as a reference. Supply Voltage 7V Input Voltage 7V Operating Free Air Temperature Range 0 °C to +70°C Storage Temperature Range −65°C to +150°C Typical θJA N Package 78.1 °C/W M Package 106.8 °C/W Symbol Parameter Min Nom Max Units VCC Supply Voltage 4.5 5 5.5 V VIH HIGH Level Input Voltage 2 V VIL LOW Level Input Voltage 0.8 V IOH HIGH Level Output Current −0.4 mA IOL LOW Level Output Current 8 mA fCLK Clock Frequency 0 40 MHz tSETUP Setup Time Data; A, B, C, D 15 ↑ (Note 2) ns En P, En T DM74ALS161B 15 ↑ (Note 2) ns DM74ALS162B 15 ↑ (Note 2) ns DM74ALS163B Load 15 ↑ (Note 2) ns Clear (Only for DM74ALS162B and DM74ALS163B) LOW 15 ↑ (Note 2) ns HIGH 12 ↑ (Note 2) ns Setup 1 (Only for 161B) Clear Inactive 10 4 ns tHOLD Hold Time Data; A, B, C, D 0 ↑ (Note 2) −3ns En P, En T 0 ↑ (Note 2) −3ns Load 0 ↑ (Note 2) −4ns Clear (Only for DM74ALS162B and DM74ALS163B 0 ↑ (Note 2) −7ns Hold 0 (Only for 161B) Clear 0 −4ns tW Width of Clock CLK HIGH or LOW 12.5 ns or Clear Pulse DM74ALS161B CLR LOW 15 ns Width of Load Pulse 15 ns TA Operating Free Air Temperature 0 70 °C |
Número de pieza similar - DM74ALS163BM |
|
Descripción similar - DM74ALS163BM |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |