Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-EL25-Q0000 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-EL25-Q0000
Descripción Electrónicos  Precision Optical Performance AlInGaP II LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL25-Q0000 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EL25-Q0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-Q0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-Q0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-Q0000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-Q0000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-Q0000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-Q0000 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-Q0000 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-Q0000 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Bin Name
Min.
Max.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Bin Name
Min.
Max.
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
Intensity Bin Limits
(mcd at 20 mA)
Tolerance for each bin lim­it is ±15%.
Amber Color Bin Limits
(nm at 20 mA)
Tolerance for each bin lim­it is ±0.5 nm­.
Notes:
1. Bin categories are established for classifi-
cation of products. Products m­ay not be
available in all bin categories.
Figure 7. Representative Spatial Radiation Pattern for 30° Viewing Angle Lamps.
Bin Name
Min.
Max.
VA
2.0
2.2
VB
2.2
2.4
VC
2.4
2.6
Vf Bin Table[2]
Tolerance for each bin lim­it is ±0.05 V.
2. Vf Bin table only available for those part
num­ber with options -xxRxx, -xxSxx, -xx-
Txx, -xxUxx, -xxWxx, -xxYxx.
Figure 8. Relative light output vs. junction temperature
0.1
JUNCTION TEMPERATURE – C
-50
10
1
-25
0
25
50
75
150
100
125
RED
RED-ORANGE
AMBER
1.0
0.8
0.6
0.4
0.2
-100
-50
0
50
100
0
ANGULAR DISPLACEMENT – DEGREES


Número de pieza similar - HLMP-EL25-Q0000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-EL25-Q0000 BOARDCOM-HLMP-EL25-Q0000 Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results

Descripción similar - HLMP-EL25-Q0000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com