Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG508FBNZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADG508FBNZ
Descripción Electrónicos  8-Channel/4-Channel Fault-Protected Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG508FBNZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG508FBNZ Datasheet HTML 6Page - Analog Devices ADG508FBNZ Datasheet HTML 7Page - Analog Devices ADG508FBNZ Datasheet HTML 8Page - Analog Devices ADG508FBNZ Datasheet HTML 9Page - Analog Devices ADG508FBNZ Datasheet HTML 10Page - Analog Devices ADG508FBNZ Datasheet HTML 11Page - Analog Devices ADG508FBNZ Datasheet HTML 12Page - Analog Devices ADG508FBNZ Datasheet HTML 13Page - Analog Devices ADG508FBNZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG508F/ADG509F
Rev. F | Page 10 of 20
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential.
GND
Ground (0 V) reference.
RON
Ohmic resistance between D and S.
RON Drift
Percentage change in RON when temperature changes by one
degree Celsius.
ΔRON
ΔRON represents the difference between the RON of any two
channels as a percentage of the maximum RON of those two
channels.
IS (Off)
Source leakage current when the switch is off.
ID (Off)
Drain leakage current when the switch is off.
ID, IS (On)
Channel leakage current when the switch is on.
IS (Fault—Power Supplies On)
Source leakage current when exposed to an overvoltage
condition.
ID (Fault—Power Supplies On)
Drain leakage current when exposed to an overvoltage
condition.
IS (Fault—Power Supplies Off)
Source leakage current with power supplies off.
VD (VS)
Analog Voltage on Terminals D, S.
CS (Off)
Channel input capacitance for off condition.
CD (Off)
Channel output capacitance for off condition.
CIN
Digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points of the digital input
and switch on condition.
tOFF (EN)
Delay time between the 50% and 90% points of the digital input
and switch off condition.
tTRANSITION
Delay time between the 50% and 90% points of the digital
inputs and the switch on condition when switching from
one address state to another.
tOPEN
Off time measured between 80% points of both switches when
switching from one address state to another.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
Off Isolation
A measure of unwanted signal coupling through an off channel.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
IDD
Positive supply current.
ISS
Negative supply current.


Número de pieza similar - ADG508FBNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results

Descripción similar - ADG508FBNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Maxwell Technologies
358RPFS MAXWELL-358RPFS Datasheet
122Kb / 9P
   8-Channel Fault-Protected Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com