Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG511BRZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADG511BRZ
Descripción Electrónicos  LC2MOS Precision 5 V/3 V Quad SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG511BRZ Datasheet(HTML) 4 Page - Analog Devices

  ADG511BRZ Datasheet HTML 1Page - Analog Devices ADG511BRZ Datasheet HTML 2Page - Analog Devices ADG511BRZ Datasheet HTML 3Page - Analog Devices ADG511BRZ Datasheet HTML 4Page - Analog Devices ADG511BRZ Datasheet HTML 5Page - Analog Devices ADG511BRZ Datasheet HTML 6Page - Analog Devices ADG511BRZ Datasheet HTML 7Page - Analog Devices ADG511BRZ Datasheet HTML 8Page - Analog Devices ADG511BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single Supply
B Version
0 C to
Parameter
25 C70 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
RON
200
Ω typ
VD = 1.5 V, IS = –1 mA;
500
Ω max
VDD = 3 V
LEAKAGE CURRENTS
VDD = 3.6 V
Source OFF Leakage IS (OFF)
±0.025
nA typ
VD = 2.6/1 V, VS = 1 2.6 V;
±0.1
±2.5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.025
nA typ
VD = 2.6/1 V, VS = 1 2.6 V;
±0.1
±2.5
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.05
nA typ
VD = VS = 2.6 V/1 V;
±0.2
±5
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
DYNAMIC CHARACTERISTICS
2
tON
600
ns typ
RL = 300
Ω, CL = 35 pF;
1200
ns max
VS = 1 V; Test Circuit 4
tOFF
100
ns typ
RL = 300
Ω, CL = 35 pF;
160
ns max
VS = 1 V; Test Circuit 4
Break-Before-Make Time
500
ns typ
RL = 300
Ω, C
L = 35 pF;
Delay, tD (ADG513 Only)
VS1 = VS2 = 1 V; Test Circuit 5
Charge Injection
11
pC typ
VS = 0 V, RS = 0
Ω, CL = 10 nF;
Test Circuit 6
OFF Isolation
68
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 7
Channel-to-Channel Crosstalk
85
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 8
CS (OFF)
9
pF typ
f = 1 MHz
CD (OFF)
9
pF typ
f = 1 MHz
CD, CS (ON)
35
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD
3/3.6
V min/max
IDD
0.0001
µA typ
VDD = 3.6 V
1
µA max
Digital Inputs = 0 V or 3 V
NOTES
1Temperature range is as follows: B Version –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
REV. C
–4–
ADG511/ADG512/ADG513–SPECIFICATIONS1
(VDD = 3.3 V
10%, VSS = 0 V, GND = 0 V, unless otherwise noted)


Número de pieza similar - ADG511BRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG511BR AD-ADG511BR Datasheet
124Kb / 11P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. B
ADG511BR AD-ADG511BR Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511BR AD-ADG511BR Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511BR AD-ADG511BR Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
More results

Descripción similar - ADG511BRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG513BRZ-REEL7 AD-ADG513BRZ-REEL7 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511 Datasheet
124Kb / 11P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. B
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG512BRZ-REEL AD-ADG512BRZ-REEL Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com