Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3050ARZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADP3050ARZ
Descripción Electrónicos  200 kHz, 1 A High Voltage Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP3050ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3050ARZ Datasheet HTML 2Page - Analog Devices ADP3050ARZ Datasheet HTML 3Page - Analog Devices ADP3050ARZ Datasheet HTML 4Page - Analog Devices ADP3050ARZ Datasheet HTML 5Page - Analog Devices ADP3050ARZ Datasheet HTML 6Page - Analog Devices ADP3050ARZ Datasheet HTML 7Page - Analog Devices ADP3050ARZ Datasheet HTML 8Page - Analog Devices ADP3050ARZ Datasheet HTML 9Page - Analog Devices ADP3050ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP3050
Data Sheet
Rev. C | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
VIN = 10V, NO LOAD
1.5
0
–45 –35 –25 –15
–5
5
15
25
35
45
55
65
75
85
4.5
2.0
1.0
0.5
3.5
2.5
4.0
3.0
INTO BIAS PIN
INTO IN PIN
5.0
Figure 3. Quiescent Operating Current vs. Temperature
SUPPLY VOLTAGE (V)
25
20
0
30
0
15
10
5
5
10
15
20
25
Figure 4. Shutdown Quiescent Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
10
8
0
6
4
2
BIAS TIED TO VOUT
VOUT = 3.3V
VOUT = 5V
30
0
5
10
15
20
25
Figure 5. Quiescent Operating Current vs. Supply Voltage
TEMPERATURE (°C)
VIN = 10V
0.6
0
1.8
0.8
0.4
0.2
1.4
1.0
1.6
1.2
2.0
–45 –35 –25 –15
–5
5
15
25
35
45
55
65
75
85
Figure 6. Average Output Current Limit vs. Temperature
LOAD CURRENT (A)
25
20
0
0
0.1
0.2
15
10
5
VIN = 10V
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Figure 7. Boost Current vs. Load Current
OUTPUT CURRENT (mA)
100
90
0
0
200
400
600
800
k
1
60
30
20
10
80
70
40
50
VIN = 6V
VIN = 24V
L = 33µH
CIN = 22µF
COUT = 100µF
VIN = 12V
VIN = 30V
VIN = 18V
Figure 8. 5 V Output Efficiency


Número de pieza similar - ADP3050ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3050ARZ-5 AD-ADP3050ARZ-5 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results

Descripción similar - ADP3050ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3050 AD-ADP3050 Datasheet
191Kb / 16P
   200 kHz, 1 A High-Voltage Step-Down Switching Regulator
REV. 0
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050ARZ-5 AD-ADP3050ARZ-5 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com