Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD86102LZ Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza FDD86102LZ
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FDD86102LZ Datasheet(HTML) 4 Page - Diodes Incorporated

  FDD86102LZ Datasheet HTML 1Page - Diodes Incorporated FDD86102LZ Datasheet HTML 2Page - Diodes Incorporated FDD86102LZ Datasheet HTML 3Page - Diodes Incorporated FDD86102LZ Datasheet HTML 4Page - Diodes Incorporated FDD86102LZ Datasheet HTML 5Page - Diodes Incorporated FDD86102LZ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2012 Fairchild Semiconductor Corporation
FDD86102LZ Rev.C1
www.fairchildsemi.com
4
Figure 7.
0
5
10
15
20
0
2
4
6
8
10
ID = 8 A
VDD = 50 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 75 V
Gate Charge Characteristics
Figure8.
0.1
1
10
100
1
10
100
1000
2000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
CapacitancevsDrain
to Source Voltage
Figure9.
0.001
0.01
0.1
1
10
30
1
10
40
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
0
5
10
15
20
25
30
35
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
VGS = 0 V
TJ = 125 oC
TJ = 25 oC
V
GS, GATE TO SOURCE VOLTAGE (V)
Gate Leakage Current vs Gate to
Source Voltage
Figure 11.
25
50
75
100
125
150
0
10
20
30
40
VGS = 4.5 V
RθJC = 2.3
oC/W
VGS = 10 V
T
C, CASE TEMPERATURE (
oC)
Maximum Continuous Drain
Current vs Case Temperature
Figure 12.
0.1
1
10
100
300
0.05
0.1
1
10
100
100us
10 ms
DC
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJC = 2.3
oC/W
TC = 25
oC
Forward BiasSafe
Operating Area
Typical Characteristics T
J = 25 °C unless otherwise noted


Número de pieza similar - FDD86102LZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FDD86102LZ ISC-FDD86102LZ Datasheet
282Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
FDD86102LZ VBSEMI-FDD86102LZ Datasheet
960Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD86102LZ FAIRCHILD-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
logo
BYCHIP ELECTRONICS CO.,...
FDD86102LZ BYCHIP-FDD86102LZ Datasheet
690Kb / 4P
   N-channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
More results

Descripción similar - FDD86102LZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDPF3860TYDTU FAIRCHILD-FDPF3860TYDTU Datasheet
589Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
FDMS86103L FAIRCHILD-FDMS86103L Datasheet
279Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 49 A, 8 m廓
FDI150N10 FAIRCHILD-FDI150N10 Datasheet
563Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 57 A, 16 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com