Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM74ALS374WM Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
DM74ALS374WM Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 7 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 1) Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the conditions for actual device operation. Note 2: This product meets application requirements of 500 temperature cycles from −65°C to +150°C. Recommended Operating Conditions Note 3: The ( ↑) arrow indicates the positive edge of the Clock is used for reference. DC Electrical Characteristics over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C. Supply Voltage 7V Input Voltage 7V Voltage Applied to Disabled Output 5.5V Operating Free Air Temperature Range 0 °C to +70°C Storage Temperature Range (Note 2) −65°C to +150°C Typical θ JA N Package 60.0 °C/W M Package 79.0 °C/W Symbol Parameter Min Nom Max Units VCC Supply Voltage 4.5 5 5.5 V VIH HIGH Level Input Voltage 2 V VIL LOW Level Input Voltage 0.8 V IOH HIGH Level Output Current −2.6 mA IOL LOW Level Output Current 24 mA fCLOCK Clock Frequency 0 35 MHz tW Width of Clock Pulse HIGH 14 ns LOW 14 ns tSU Data Setup Time (Note 3) 10 ↑ ns tH Data Hold Time (Note 3) 0 ↑ ns TA Free Air Operating Temperature 0 70 °C Symbol Parameter Conditions Min Typ Max Units VIK Input Clamp Voltage VCC = 4.5V, II = −18 mA −1.5 V VOH HIGH Level Output VCC = 4.5V IOH = Max 2.4 3.2 V Voltage VCC = 4.5V to 5.5V IOH = −400 µAVCC − 2V VOL LOW Level Output VCC = 4.5V IOL = 12 mA 0.25 0.4 V Voltage IOL = 24 mA 0.35 0.5 V II Input Current @ Max. VCC = 5.5V, VIH = 7V 0.1 mA Input Voltage IIH HIGH Level Input Current VCC = 5.5V, VIH = 2.7V 20 µA IIL LOW Level Input Current VCC = 5.5V, VIL = 0.4V −0.2 mA IO Output Drive Current VCC = 5.5V VO = 2.25V −30 −112 mA IOZH OFF-State Output Current, VCC = 5.5V, VO = 2.7V 20 µA HIGH Level Voltage Applied IOZL OFF-State Output Current, VCC = 5.5V, VO = 0.4V −20 µA LOW Level Voltage Applied ICC Supply Current VCC = 5.5V Outputs HIGH 11 19 mA Outputs Open Outputs LOW 19 28 mA Outputs Disabled 20 31 mA |
Número de pieza similar - DM74ALS374WM |
|
Descripción similar - DM74ALS374WM |