Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW82371EB Datasheet(PDF) 6 Page - Intel Corporation

No. de pieza FW82371EB
Descripción Electrónicos  Intel짰 82371AB PIIX4, Intel짰 82371EB PIIX4E, Intel짰 82371MB PIIX4M
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

FW82371EB Datasheet(HTML) 6 Page - Intel Corporation

Back Button FW82371EB Datasheet HTML 2Page - Intel Corporation FW82371EB Datasheet HTML 3Page - Intel Corporation FW82371EB Datasheet HTML 4Page - Intel Corporation FW82371EB Datasheet HTML 5Page - Intel Corporation FW82371EB Datasheet HTML 6Page - Intel Corporation FW82371EB Datasheet HTML 7Page - Intel Corporation FW82371EB Datasheet HTML 8Page - Intel Corporation FW82371EB Datasheet HTML 9Page - Intel Corporation FW82371EB Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Intel
® 82371AB PIIX4, 82371EB PIIX4E, 82371MB PIIX4M
R
6
Specification Update
Component Identification via Programming Interface
The Intel
® 82371AB PIIX4, 82371EB PIIX4E, and 82371MB PIIX4M may be identified by the
following register contents:
Stepping
Vendor ID
1
Device ID
2
Revision Number
3
82371AB PIIX4
A-0, A-1, B-0
8086h
7110h
See Documentation Changes section
82371EB PIIX4E
A-0
8086h
7110h
See Documentation Changes section
82371MB PIIX4M
A-0
8086h
7110h
See Documentation Changes section
NOTES:
1. The Vendor ID corresponds to bits 15-0 of the Vendor ID Register located at offset 00-01h in the PCI
function 0 configuration space.
2. The Device ID corresponds to bits 15-0 of the Device ID Register located at offset 02-03h in the PCI
function 0 configuration space.
3. The Revision Number corresponds to bits 7-0 of the Revision ID Register located at offset 08h in the
PCI function 0 configuration space.
Component Marking Information
The 82371AB PIIX4, 82371EB PIIX4E, and 82371MB PIIX4M may be identified by the
following component markings:
82371AB PIIX4
Stepping
S-Spec
Top Marking
Notes
PIIX4 A-0
FW82371AB Q518ES
Engineering Sample, FM Test
PIIX4 A-0
FW82371AB Q519ES
Engineering Sample, T3 Test
PIIX4 A-1
FW82371AB Q532ES
Engineering Sample, FM Test
PIIX4 A-1
FW82371AB Q533ES
Engineering Sample, T3, Burn in
PIIX4 B-0
FW82371AB Q534ES
Engineering Sample, FM Test
PIIX4 B-0
FW82371AB Q535ES
Engineering Sample, T3, Burn in
PIIX4 B-0
SL23P
FW82371AB SL23P
Production
PIIX4 B-0
SL2KM
FW82371AB SL23P
Production, Multiple FPO per Reel


Número de pieza similar - FW82371EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
FW82371 INTEL-FW82371 Datasheet
1Mb / 284P
   PCI-TO-ISA / IDE XCELERATOR PIIX4
More results

Descripción similar - FW82371EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSR Technology Ltd
DL631-C226 GSR-DL631-C226 Datasheet
733Kb / 2P
   4th Gen Intel짰 Xeon짰 / Intel짰 CoreTM ATX
logo
Protech Systems Co., Lt...
PCI-827LF PROTECHSYSTEMS-PCI-827LF Datasheet
504Kb / 2P
   PCI Intel짰
logo
Intel Corporation
GDS1110BC INTEL-GDS1110BC Datasheet
319Kb / 2P
   Intel짰 Pentium짰 M Processor with Intel짰 855GME and Intel짰 FW82801DB Development Kit
logo
AAEON Technology
EMB-830 AAEON-EMB-830 Datasheet
988Kb / 1P
   Socket 478-based Intel짰 Pentium짰 4/ Intel짰 Celeron짰
logo
GSR Technology Ltd
CL630-CRM GSR-CL630-CRM Datasheet
801Kb / 2P
   3rd/2nd Gen Intel짰 Xeon짰 / Intel짰 CoreTM ATX
logo
Intel Corporation
BXSTS100P INTEL-BXSTS100P Datasheet
3Mb / 8P
   Intel짰 Server Board
NUC5I5RYH INTEL-NUC5I5RYH Datasheet
1Mb / 4P
   Intel짰 NUC Kit
DN2820FYKH INTEL-DN2820FYKH Datasheet
443Kb / 11P
   Intel짰 NUC Kit
DE3815TYBE INTEL-DE3815TYBE Datasheet
2Mb / 89P
   Intel짰 NUC Board
March2017
STK1AW32SC INTEL-STK1AW32SC Datasheet
728Kb / 27P
   Intel짰 Compute Stick
October 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com