Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3548C Datasheet(PDF) 2 Page - Analog Power

No. de pieza AM3548C
Descripción Electrónicos  N & P-Channel 40-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3548C Datasheet(HTML) 2 Page - Analog Power

  AM3548C Datasheet HTML 1Page - Analog Power AM3548C Datasheet HTML 2Page - Analog Power AM3548C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM3548C
PRELIMINARY
Publication Order Number:
DS-AM3548_A
Analog Power
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Ch MinTyp
Max
VGS = VDS, ID = 250 uA
N
1
VGS = VDS, ID = -250 uA
P
-1
VDS = 0 V, VGS = 20 V
N
100
VDS = 0 V, VGS = -20 V
P-100
VDS = 32 V, VGS = 0 V
N
1
VDS = -32 V, VGS = 0 V
P
-1
VDS = 24 V, VGS = 0 V, TJ = 55
oC
N10
VDS = -24 V, VGS = 0 V, TJ = 55
oC
P-10
VDS = 5 V, VGS = 10 V
N5
VDS = -5 V, VGS = -10 V
P-5
VGS = 10 V, ID = 3.7 A
N
0.063
VGS = -10 V, ID = 3.1 A
P
0.172
VGS = 4.5 V, ID = 3.3 A
N
0.082
VGS = -4.5 V, ID = -2.2 A
P
0.240
VDS = 5 V, ID = 3.7 A
N10
VDS = -5 V, ID = 3.1 A
P5
IS = 1.05 A, VGS = 0 V
N0.80
IS = -1.05 A, VGS = 0 V
P
-0.83
N2.2
P3.8
N0.5
P0.6
N0.8
P1.5
N5
P5
N12
P15
N13
P20
N7
P20
Turn-On Delay Time
td(on)
N-Chaneel
VDD=15V, VGS=4.5V, ID=1A ,
RGEN=15Ω,
P-Channel
VDD=-15V, VGS=-4.5V, ID=-1A
RGEN=15Ω
nS
Rise Time
tr
Turn-Off Delay Time
td(off)
Fall-Time
tf
Dynamic
b
Total Gate Charge
Qg
N-Channel
VDS=15V, VGS=4.5V, ID=2.7A
P-Channel
VDS=-15V, VGS=-4.5V, ID=-3.1A
nC
Gate-Source Charge
Qgs
Gate-Drain Charge
Qgd
Forward Tranconductance
A
gfs
S
Diode Forward Voltage
A
VSD
S
On-State Drain Current
A
ID(on)
A
Drain-Source On-Resistance
A
rDS(on)
Gate-Body Leakage Current
IGSS
uA
Zero Gate Voltage Drain Current
IDSS
uA
uA
Static
Gate-Threshold Voltage
VGS(th)
V
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Limits
Unit


Número de pieza similar - AM3548C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Lunsure Electr...
AM354 CHENYI-AM354 Datasheet
153Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
More results

Descripción similar - AM3548C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM4541CE ANALOGPOWER-AM4541CE Datasheet
565Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM7542C ANALOGPOWER-AM7542C Datasheet
487Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AMD540CE ANALOGPOWER-AMD540CE Datasheet
372Kb / 7P
   P & N-Channel 40-V (D-S) MOSFET
AM4540C ANALOGPOWER-AM4540C Datasheet
168Kb / 3P
   P & N-Channel 40-V (D-S) MOSFET
AM4542C ANALOGPOWER-AM4542C Datasheet
265Kb / 7P
   P & N-Channel 40-V (D-S) MOSFET
logo
Bruckewell Technology L...
MS4541C BWTECH-MS4541C Datasheet
964Kb / 9P
   N P-Channel 40-V (D-S) MOSFET
MSA4P21 BWTECH-MSA4P21 Datasheet
587Kb / 6P
   N P-Channel 40-V (D-S) MOSFET
logo
Analog Power
AM4545C ANALOGPOWER-AM4545C Datasheet
545Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM4543C ANALOGPOWER-AM4543C Datasheet
502Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM4544C ANALOGPOWER-AM4544C Datasheet
407Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com