Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AM1N-NZ_13 Datasheet(Hoja de datos) 2 Page - AIMTEC

No. de Pieza. AM1N-NZ_13
Descripción  1 Watt | DC-DC Converter
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AIMTEC [AIMTEC]
Página de inicio  http://www.aimtec.ca
Logo 

   
 2 page
background image
Series AM1N-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.D
2 of 3
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
250
KHz
Operating temperature
Without derating
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
95
oC
Cooling
Free air convection
Humidity
90
%
Case material
Plastic UL94-VO
Weight
16
g
Dimensions (L x W x H)
1.27 x 0.58 x 0.37 inches
32.30 x 14.70 x 9.40mm
MTBF
>1 211 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise
specified.
Safety Specifications
Parameters
Agency approvals
cULus
Standards
UL60950-1
Pin Out Specifications
External capacitor – Single output
External capacitor – Dual output
Dimensions
Footprint
2.54
(0.10)
2.54
(0.01)
1.00 0 + 0.15/-0
Pin
Single
Dual
1
+ V Input
+ V Input
2
- V Input
- V Input
8,17
N.C.
-V Output
10,15
-V Output
Common
12,13
+V Output
+V Output
Vin
(VDC)
External
capacitor
(µF)
Vout
(VDC)
External
capacitor
(µF)
5
4.7
5
10
12
2.2
9
4.7
24
1
12
2.2
-
15
1
Vin
(VDC)
External
capacitor
(µF)
Vout
(VDC)
External
capacitor
(µF)
5
4.7
5
4.7
12
2.2
9
2.2
24
1
12
1
-
-
15
0.47
32.30
(1.27)
14.70
(0.58)
9.40
(0.37)
27.94
(1.10)
4.00
(0.16)
Side
View
Top
View
0.65
(0.03)
2.54
(0.10)




Html Pages

1  2  3 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl