Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74AS158N Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza DM74AS158N
Descripción Electrónicos  Quad 1 of 2 Line Data Selector/Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS158N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74AS158N Datasheet HTML 1Page - Fairchild Semiconductor DM74AS158N Datasheet HTML 2Page - Fairchild Semiconductor DM74AS158N Datasheet HTML 3Page - Fairchild Semiconductor DM74AS158N Datasheet HTML 4Page - Fairchild Semiconductor DM74AS158N Datasheet HTML 5Page - Fairchild Semiconductor DM74AS158N Datasheet HTML 6Page - Fairchild Semiconductor DM74AS158N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Note 2: The output conditions have been chosen to produce a current that closely approximates one half of the true short circuit current, IOS.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
75.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2mA
IOL
LOW Level Output Current
20
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = 4.5V to 5.5V
VCC − 2V
Output Voltage
IOH = −2 mA
VOL
LOW Level
VCC = 4.5V
0.35
0.5
V
Output Voltage
IOL = 20 mA
II
Input Current at Max
VCC = 5.5V
Select
0.2
mA
Input Voltage
VIH = 7V
All Others
0.1
IIH
HIGH Level
VCC = 5.5V
Select
40
µA
Input Current
VIH = 2.7V
All Others
20
IIL
LOW Level
VCC = 5.5V
Select
−1
mA
Input Current
VIL = 0.4V
All Others
−0.5
IO (Note 2) Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
DM74AS157
17.5
28
mA
DM74AS158
15.6
22.5
mA


Número de pieza similar - DM74AS158N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74AS1000A FAIRCHILD-DM74AS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Driver
DM74AS1000AM FAIRCHILD-DM74AS1000AM Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Driver
DM74AS1000AN FAIRCHILD-DM74AS1000AN Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Driver
DM74AS1004 FAIRCHILD-DM74AS1004 Datasheet
46Kb / 4P
   Hex Inverting Driver
More results

Descripción similar - DM74AS158N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74ALS257 FAIRCHILD-DM74ALS257 Datasheet
74Kb / 7P
   3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Intersil Corporation
CD40257BMS INTERSIL-CD40257BMS Datasheet
59Kb / 8P
   CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
December 1992
logo
Fairchild Semiconductor
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com