Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD2931-11 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza SD2931-11
Descripción Electrónicos  RF power transistors HF/VHF/UHF N-channel MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-11 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2931-11 Datasheet HTML 1Page - STMicroelectronics SD2931-11 Datasheet HTML 2Page - STMicroelectronics SD2931-11 Datasheet HTML 3Page - STMicroelectronics SD2931-11 Datasheet HTML 4Page - STMicroelectronics SD2931-11 Datasheet HTML 5Page - STMicroelectronics SD2931-11 Datasheet HTML 6Page - STMicroelectronics SD2931-11 Datasheet HTML 7Page - STMicroelectronics SD2931-11 Datasheet HTML 8Page - STMicroelectronics SD2931-11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical specification
SD2931-11
4/18
Doc ID 17329 Rev 1
2
Electrical specification
(TCASE = 25 °C).
Table 4.
Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V
IDS = 100 mA
125
V
IDSS
VGS = 0 V
VDS = 50 V
50
µA
IGSS
VGS = 20 V
VDS = 0 V
250
nA
VGS(Q)
(1)
1.
VGS(Q) and GFS sorted with alpha/numeric code marked on unit.
VDS = 10 V
ID = 250 mA
see table below
V
VDS(ON)
VGS = 10 V
ID = 10 A
3.0
V
GFS*VDS = 10 V
ID = 5 A
see table below
mho
CISS
VGS = 0 V
VDS = 50 V
f = 1 MHz
480
pF
COSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
190
pF
CRSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
18
pF
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 50 V IDQ = 250 mA
f = 175 MHz
150
W
GPS
VDD = 50 V IDQ = 250 mA POUT = 150 W f = 175 MHz
14
15
dB
hD
VDD = 50 V IDQ = 250 mA POUT = 150 W f = 175 MHz
55
65
%
Load
Mismatch
VDD = 50 V IDQ = 250 mA POUT = 150 W f = 175 MHz
all phase angles
10:1
VSW
R


Número de pieza similar - SD2931-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
logo
List of Unclassifed Man...
SD2931-10 ETC1-SD2931-10 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
275Kb / 19P
   RF power transistor: HF/VHF/UHF N-channel power MOSFETs
SD2931-10W STMICROELECTRONICS-SD2931-10W Datasheet
275Kb / 19P
   RF power transistor: HF/VHF/UHF N-channel power MOSFETs
More results

Descripción similar - SD2931-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com