Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP-181 Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TLP-181
Descripción Electrónicos  Office Machine Programmable Controllers AC Adapter I/O Interface Board
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP-181 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP-181 Datasheet HTML 1Page - Toshiba Semiconductor TLP-181 Datasheet HTML 2Page - Toshiba Semiconductor TLP-181 Datasheet HTML 3Page - Toshiba Semiconductor TLP-181 Datasheet HTML 4Page - Toshiba Semiconductor TLP-181 Datasheet HTML 5Page - Toshiba Semiconductor TLP-181 Datasheet HTML 6Page - Toshiba Semiconductor TLP-181 Datasheet HTML 7Page - Toshiba Semiconductor TLP-181 Datasheet HTML 8Page - Toshiba Semiconductor TLP-181 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP181
2009-11-12
6
PC – Ta
200
−20
0
20
40
60
80
100
120
160
120
80
40
0
Ambient temperature Ta (°C)
IFP – DR
Duty cycle ratio DR
3000
10
3
Pulse width ≤ 100μs
Ta = 25°C
10
3
3
10
2
3
10
1
3
10
0
30
50
100
300
1000
500
ΔVF / ΔTa – IF
Forward current IF (mA)
−3.2
−0.4
0.1
−2.8
−2.4
−2.0
−1.6
−1.2
−0.8
0.3 0.5
1
3
5
10
30 50
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
Pulse width ≤ 10μs
Repetitive
Frequency = 100Hz
Ta = 25°C
500
300
100
50
30
10
5
3
1.0
1.4
1.8
2.2
2.6
3.0
IF – Ta
Ambient temperature Ta (°C)
100
−20
80
60
40
20
0
0
20
40
60
80
100
120
IF – VF
Forward voltage VF (V)
100
0.001
0
10
1
0.1
0.01
0.4
0.8
1.2
1.6
2
−25°C
85°C
25
°C


Número de pieza similar - TLP-181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tadiran Batteries GmbH
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
   High energy
TLP-91111ASM TADIRN-TLP-91111ASM Datasheet
280Kb / 1P
   High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
   High energy
TLP-91311ASM TADIRN-TLP-91311ASM Datasheet
278Kb / 1P
   High energy
TLP-91311AST TADIRN-TLP-91311AST Datasheet
278Kb / 1P
   High energy
More results

Descripción similar - TLP-181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com