Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM40UW-IZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AM40UW-IZ
Descripción Electrónicos  40Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40UW-IZ Datasheet(HTML) 2 Page - AIMTEC

  AM40UW-IZ_13 Datasheet HTML 1Page - AIMTEC AM40UW-IZ_13 Datasheet HTML 2Page - AIMTEC AM40UW-IZ_13 Datasheet HTML 3Page - AIMTEC AM40UW-IZ_13 Datasheet HTML 4Page - AIMTEC AM40UW-IZ_13 Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM40UW-IZ
40Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
2 of 5
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
VDC
24
9-36
48
18-75
Filter
π(Pi) Network
Absolute Maximum Rating
VDC
24
50
48
100
On/Off control
ON –TTL High or Open ; OFF – TTL Low or short
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
1500 or 3000
VDC
Resistance
500VDC
>1000
MOhm
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Over voltage protection
Zener diode clamp
Over current protection
>110 FL
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Restart
Line voltage regulation
±0.5
% of Vin
Load voltage regulation (Single)
Iout=25% to 100%
±0.5
%
Load voltage regulation (Dual)
Iout=25% to 100%
±2
%
Temperature coefficient
±0.05
%/
oC
Ripple & Noise
20MHz Bandwidth (5 & 3.3Vout)
80
mV p-p
All other output models
1
% p-p Vout
Voltage adjustment range
±10
%
Minimum Load Current
25
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
250
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-55 to +115
oC
Maximum case temperature
100
oC
Derating
See chart below
45
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Nickel – coated Copper with nonconductive base
Weight
65
g
Dimensions (L x W x H)
2.00 x 2.00 x 0.40 inches
50.81 x 50.81 10.20 mm
MTBF
>1 500 000 hrs ( MIL-HDBK-217 F at +25
oC)
Maximum soldering temperature
oC
Transient recovery time
50% load step change
280
uS


Número de pieza similar - AM40UW-IZ_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM40UW-IZ AIMTEC-AM40UW-IZ_16 Datasheet
372Kb / 5P
   40Watt | DC-DC Converter
More results

Descripción similar - AM40UW-IZ_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM40U-IZ AIMTEC-AM40U-IZ_13 Datasheet
365Kb / 5P
   40Watt | DC-DC Converter
AM40U-IZ AIMTEC-AM40U-IZ_16 Datasheet
383Kb / 5P
   40Watt | DC-DC Converter
AM40U-IZ AIMTEC-AM40U-IZ Datasheet
382Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ Datasheet
397Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ_16 Datasheet
372Kb / 5P
   40Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
40DCPW GAPTEC-40DCPW Datasheet
2Mb / 5P
   40Watt - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com