Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL16C550CIFNRG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TL16C550CIFNRG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 43 page TL16C550C, TL16C550CI ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL SLLS177H − MARCH 1994 − REVISED JANUARY 2006 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 standard voltage (5 V nominal) (continued) MIN NOM MAX UNIT Junction temperature range, TJ (see Note 6) 0 25 115 °C Oscillator/clock speed 16 MHz NOTE 6: These junction temperatures reflect simulated conditions. Absolute maximum junction temperature is 150 °C. The customer is responsible for verifying junction temperature. electrical characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) low voltage (3.3 V nominal) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VOH‡ High-level output voltage IOH = − 1 mA 2.4 V VOL‡ Low-level output voltage IOL = 1.6 mA 0.5 V Il Input current VCC = 3.6 V, VSS = 0, 10 A Il Input current VCC = 3.6 V, VI = 0 to 3.6 V, VSS = 0, All other terminals floating 10 µA VCC = 3.6 V, VSS = 0, IOZ High-impedance-state output current VCC = 3.6 V, VSS = 0, VO = 0 to 3.6 V, ±20 µA IOZ High-impedance-state output current VO = 0 to 3.6 V, Chip selected in write mode or chip deselect ±20 µA VCC = 3.6 V, TA = 25°C, VCC = 3.6 V, TA = 25°C, SIN, DSR, DCD, CTS, and RI at 2 V, ICC Supply current CC A SIN, DSR, DCD, CTS, and RI at 2 V, All other inputs at 0.8 V, XTAL1 at 4 MHz, 8 mA ICC Supply current SIN, DSR, DCD, CTS, and RI at 2 V, All other inputs at 0.8 V, XTAL1 at 4 MHz, No load on outputs, Baud rate = 50 kbit/s 8 mA All other inputs at 0.8 V, XTAL1 at 4 MHz, No load on outputs, Baud rate = 50 kbit/s Ci(CLK) Clock input capacitance V = 0, V = 0, 15 20 pF Co(CLK) Clock output capacitance VCC = 0, VSS = 0, f = 1 MHz, TA = 25°C, 20 30 pF Ci Input capacitance CC SS f = 1 MHz, TA = 25°C, All other terminals grounded 6 10 pF Co Output capacitance All other terminals grounded 10 20 pF † All typical values are at VCC = 3.3 V and TA = 25°C. ‡ These parameters apply for all outputs except XOUT. standard voltage (5 V nominal) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VOH‡ High-level output voltage IOH = − 1 mA 2.4 V VOL‡ Low-level output voltage IOL = 1.6 mA 0.4 V Il Input current VCC = 5.25 V, VSS = 0, 10 A Il Input current VCC = 5.25 V, VI = 0 to 5.25 V, VSS = 0, All other terminals floating 10 µA VCC = 5.25 V, VSS = 0, IOZ High-impedance-state output current VCC = 5.25 V, VSS = 0, VO = 0 to 5.25 V, ±20 µA IOZ High-impedance-state output current VO = 0 to 5.25 V, Chip selected in write mode or chip deselect ±20 µA VCC = 5.25 V, TA = 25°C, VCC = 5.25 V, TA = 25°C, SIN, DSR, DCD, CTS, and RI at 2 V, ICC Supply current CC A SIN, DSR, DCD, CTS, and RI at 2 V, All other inputs at 0.8 V, XTAL1 at 4 MHz, 10 mA ICC Supply current SIN, DSR, DCD, CTS, and RI at 2 V, All other inputs at 0.8 V, XTAL1 at 4 MHz, No load on outputs, Baud rate = 50 kbit/s 10 mA All other inputs at 0.8 V, XTAL1 at 4 MHz, No load on outputs, Baud rate = 50 kbit/s Ci(CLK) Clock input capacitance V = 0, V = 0, 15 20 pF Co(CLK) Clock output capacitance VCC = 0, VSS = 0, f = 1 MHz, TA = 25°C, 20 30 pF Ci Input capacitance CC SS f = 1 MHz, TA = 25°C, All other terminals grounded 6 10 pF Co Output capacitance All other terminals grounded 10 20 pF † All typical values are at VCC = 5 V and TA = 25°C. ‡ These parameters apply for all outputs except XOUT. |
Número de pieza similar - TL16C550CIFNRG4 |
|
Descripción similar - TL16C550CIFNRG4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |