Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL16C550CPFBG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TL16C550CPFBG4
Descripción Electrónicos  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C550CPFBG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL16C550CPFBG4 Datasheet HTML 7Page - Texas Instruments TL16C550CPFBG4 Datasheet HTML 8Page - Texas Instruments TL16C550CPFBG4 Datasheet HTML 9Page - Texas Instruments TL16C550CPFBG4 Datasheet HTML 10Page - Texas Instruments TL16C550CPFBG4 Datasheet HTML 11Page - Texas Instruments TL16C550CPFBG4 Datasheet HTML 12Page - Texas Instruments TL16C550CPFBG4 Datasheet HTML 13Page - Texas Instruments TL16C550CPFBG4 Datasheet HTML 14Page - Texas Instruments TL16C550CPFBG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TL16C550C, TL16C550CI
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH AUTOFLOW CONTROL
SLLS177H − MARCH 1994 − REVISED JANUARY 2006
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receiver switching characteristics over recommended ranges of supply voltage and operating
free-air temperature (see Note 8)
PARAMETER
ALT. SYMBOL
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
td12
Delay time, RCLK to sample
tSCD
8
10
ns
td13
Delay time, stop to set INTRPT or read
RBR to LSI interrupt or stop to RXRDY
tSINT
8, 9, 10,
11, 12
1
RCLK
cycle
td14
Delay time, read RBR/LSR to reset INTRPT
tRINT
8, 9, 10,
11, 12
CL = 75 pF
70
ns
NOTE 8: In the FIFO mode, the read cycle (RC) = 425 ns (min) between reads of the receive FIFO and the status registers (interrupt identification
register or line status register).
transmitter switching characteristics over recommended ranges of supply voltage and operating
free-air temperature
PARAMETER
ALT. SYMBOL
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
td15
Delay time, initial write to transmit start
tIRS
13
8
24
baudout
cycles
td16
Delay time, start to INTRPT
tSTI
13
8
10
baudout
cycles
td17
Delay time, WR (WR THR) to reset INTRPT
tHR
13
CL = 75 pF
50
ns
td18
Delay time, initial write to INTRPT (THRE†)
tSI
13
16
34
baudout
cycles
td19
Delay time, read IIR† to reset INTRPT
(THRE†)
tIR
13
CL = 75 pF
35
ns
td20
Delay time, write to TXRDY inactive
tWXI
14,15
CL = 75 pF
35
ns
td21
Delay time, start to TXRDY active
tSXA
14,15
CL = 75 pF
9
baudout
cycles
† THRE = transmitter holding register empty; IIR = interrupt identification register.
modem control switching characteristics over recommended ranges of supply voltage and
operating free-air temperature, CL = 75 pF
PARAMETER
ALT. SYMBOL
FIGURE
MIN
MAX
UNIT
td22
Delay time, WR MCR to output
tMDO
16
50
ns
td23
Delay time, modem interrupt to set INTRPT
tSIM
16
35
ns
td24
Delay time, RD MSR to reset INTRPT
tRIM
16
40
ns
td25
Delay time, CTS low to SOUT
17
24
baudout
cycles
td26
Delay time, RCV threshold byte to RTS
18
2
baudout
cycles
td27
Delay time, read of last byte in receive FIFO to RTS
18
2
baudout
cycles
td28
Delay time, first data bit of 16th character to RTS
19
2
baudout
cycles
td29
Delay time, RBRRD low to RTS
19
2
baudout
cycles


Número de pieza similar - TL16C550CPFBG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550CI TI-TL16C550CI Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results

Descripción similar - TL16C550CPFBG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com