Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMLDV-NZ Datasheet(PDF) 4 Page - AIMTEC

No. de pieza AMLDV-NZ
Descripción Electrónicos  Up to 700mA | LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDV-NZ Datasheet(HTML) 4 Page - AIMTEC

  AMLDV-NZ_13 Datasheet HTML 1Page - AIMTEC AMLDV-NZ_13 Datasheet HTML 2Page - AIMTEC AMLDV-NZ_13 Datasheet HTML 3Page - AIMTEC AMLDV-NZ_13 Datasheet HTML 4Page - AIMTEC AMLDV-NZ_13 Datasheet HTML 5Page - AIMTEC AMLDV-NZ_13 Datasheet HTML 6Page - AIMTEC AMLDV-NZ_13 Datasheet HTML 7Page - AIMTEC AMLDV-NZ_13 Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Series AMLDV-NZ
Up to 700mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
4 of 8
North America only
PWM Dimming Control
Iout_Nominal
Iout_Set = (DT-0.6)
T
[
Where: D is pulse width
T is cycle of the pulse
NOTE: Formula is for reference; actual output current may depend on loading.
The Time On of pulse must be > 0.7mS
Analogue Dimming Control
PWM Digital Control Signal
1
0
1
0
Output Current
1
0
1
0
Output Current LEDs appear Dim
PWM Digital Control Signal
1
0
1
0
Output Current LEDs appear bright
PWM Digital Control Signal
AMLDV-NZ
-Vin
+Vout
1
1
-Vout
+Vin
1
16
10
8
9
0 to 10VDC
5.6K
5.1K
7
On/Off (Optional)


Número de pieza similar - AMLDV-NZ_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLDV-NZ AIMTEC-AMLDV-NZ Datasheet
426Kb / 8P
   Up to 700mA | LED Driver
More results

Descripción similar - AMLDV-NZ_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLDL-RZ AIMTEC-AMLDL-RZ Datasheet
1Mb / 17P
   Up to 700mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ Datasheet
426Kb / 8P
   Up to 700mA | LED Driver
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z_16 Datasheet
209Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z Datasheet
395Kb / 7P
   Up to 700mA | Step Up LED Driver
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30N-Z AIMTEC-AMEPR30N-Z Datasheet
669Kb / 7P
   up to 700mA | AC-DC LED driver
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30NC-Z AIMTEC-AMEPR30NC-Z Datasheet
869Kb / 8P
   up to 700mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com