Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74LS169 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza DM74LS169
Descripción Electrónicos  Synchronous 4-Bit Up/Down Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS169 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM74LS169 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS169 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS169 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS169 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS169 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS169 Datasheet HTML 6Page - Fairchild Semiconductor DM74LS169 Datasheet HTML 7Page - Fairchild Semiconductor DM74LS169 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54LS and 54LS
−55˚C to +125˚C
DM74LS
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Recommended Operating Conditions
Symbol
Parameter
DM54LS169A
DM74LS169A
Units
Min
Nom
Max
Min
Nom
Max
V
CC
Supply Voltage
4.5
5
5.5
4.75
5
5.25
V
V
IH
High Level Input Voltage
2
2
V
V
IL
Low Level Input Voltage
0.7
0.8
V
I
OH
High Level Output Current
−0.4
−0.4
mA
I
OL
Low Level Output Current
4
8
mA
f
CLK
Clock Frequency (Note 2)
0
25
0
25
MHz
Clock Frequency (Note 3)
0
20
0
20
MHz
t
W
Clock Pulse Width (Note 4)
25
25
ns
t
SU
Setup Time
Data
20
20
(Note 4)
Enable
20
20
TorP
ns
Load
25
25
U/D
30
30
t
H
Hold Time (Note 4)
0
0
ns
T
A
Free Air Operating Temperature
−55
125
0
70
˚C
Note 1:
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these
limits. The parametric values defined in the “Electrical Characteristics” table are not guaranteed at the absolute maximum ratings. The “Recommended Operating
Conditions” table will define the conditions for actual device operation.
Note 2: CL = 15 pF, RL = 2kΩ,TA = 25˚C and VCC = 5V.
Note 3: CL = 50 pF, RL = 2kΩ,TA = 25˚C and VCC = 5V.
Note 4: TA = 25˚C and VCC = 5V.
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 5)
V
I
Input Clamp Voltage
V
CC = Min, II = −18 mA
−1.5
V
V
OH
High Level Output
V
CC = Min, IOH = Max
DM54
2.5
3.4
V
Voltage
V
IL = Max, VIH = Min
DM74
2.7
3.4
V
OL
Low Level Output
V
CC = Min, IOL = Max
DM54
0.25
0.4
Voltage
V
IL = Max, VIH = Min
DM74
0.35
0.5
V
I
OL = 4 mA, VCC = Min
DM74
0.25
0.4
I
I
Input Current @ Max
V
CC = Max
Enable T
0.2
mA
Input Voltage
V
I = 7V
Others
0.1
I
IH
High Level Input
V
CC = Max
Enable T
40
µA
Current
V
I = 2.7V
Others
20
I
IL
Low Level Input
V
CC = Max
Enable T
−0.8
mA
Current
V
I = 0.4V
Others
−0.4
I
OS
Short Circuit
V
CC = Max
DM54
−20
−100
mA
Output Current
(Note 6)
DM74
−20
−100
I
CC
Supply Current
V
CC = Max(Note 7)
20
34
mA
Note 5: All typicals are at VCC = 5V and TA = 25˚C.
Note 6: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 7: ICC is measured after a momentary 4.5V, then ground, is applied to the CLOCK with all other inputs grounded and all the outputs open.
www.fairchildsemi.com
2


Número de pieza similar - DM74LS169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DM74LS169A TI1-DM74LS169A Datasheet
415Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
National Semiconductor ...
DM74LS169AM NSC-DM74LS169AM Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
DM74LS169AM TI1-DM74LS169AM Datasheet
415Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
National Semiconductor ...
DM74LS169AN NSC-DM74LS169AN Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
DM74LS169AN TI1-DM74LS169AN Datasheet
415Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results

Descripción similar - DM74LS169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI1-74AC11191_09 Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com