Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74LS245N Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza DM74LS245N
Descripción Electrónicos  3-STATE Octal Bus Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS245N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74LS245N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS245N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS245N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS245N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS245N Datasheet HTML 5Page - Fairchild Semiconductor DM74LS245N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006413
www.fairchildsemi.com
August 1986
Revised March 2000
DM74LS245
3-STATE Octal Bus Transceiver
General Description
These octal bus transceivers are designed for asynchro-
nous two-way communication between data buses. The
control function implementation minimizes external timing
requirements.
The device allows data transmission from the A Bus to the
B Bus or from the B Bus to the A Bus depending upon the
logic level at the direction control (DIR) input. The enable
input (G) can be used to disable the device so that the
buses are effectively isolated.
Features
s Bi-Directional bus transceiver in a high-density 20-pin
package
s 3-STATE outputs drive bus lines directly
s PNP inputs reduce DC loading on bus lines
s Hysteresis at bus inputs improve noise margins
s Typical propagation delay times, port-to-port 8 ns
s Typical enable/disable times 17 ns
s IOL (sink current)
24 mA
s IOH (source current)
−15 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Level
L
= LOW Level
X
= Irrelevant
Order Number
Package Number
Package Description
DM74LS245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74LS245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74LS245N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Enable
Direction
Operation
G
Control
DIR
L
L
B Data to A Bus
L
H
A Data to B Bus
HX
Isolation


Número de pieza similar - DM74LS245N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DM74LS245N NSC-DM74LS245N Datasheet
139Kb / 6P
   TRI-STATE Octal Bus Transceiver
logo
List of Unclassifed Man...
DM74LS245N ETC2-DM74LS245N Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Descripción similar - DM74LS245N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com