Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2305CDS Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI2305CDS
Descripción Electrónicos  P-Channel 8 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2305CDS Datasheet(HTML) 3 Page - Vishay Siliconix

  SI2305CDS_13 Datasheet HTML 1Page - Vishay Siliconix SI2305CDS_13 Datasheet HTML 2Page - Vishay Siliconix SI2305CDS_13 Datasheet HTML 3Page - Vishay Siliconix SI2305CDS_13 Datasheet HTML 4Page - Vishay Siliconix SI2305CDS_13 Datasheet HTML 5Page - Vishay Siliconix SI2305CDS_13 Datasheet HTML 6Page - Vishay Siliconix SI2305CDS_13 Datasheet HTML 7Page - Vishay Siliconix SI2305CDS_13 Datasheet HTML 8Page - Vishay Siliconix SI2305CDS_13 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 64847
S10-0720-Rev. C, 29-Mar-10
www.vishay.com
3
Vishay Siliconix
Si2305CDS
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS -- Drain-to-Source Voltage (V)
VGS = 5 V thru 2 V
VGS = 1.5 V
VGS = 1 V
0.00
0.03
0.06
0.09
0.12
0.15
0
5
10
15
20
ID -- Drain Current (A)
VGS =2.5 V
VGS = 1.8 V
VGS = 4.5 V
0
2
4
6
8
04
8
12
16
20
ID = 4.4 A
Qg - Total Gate Charge (nC)
VDS = 6.4 V
VDS =2 V
VDS =4 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0.0
0.3
0.6
0.9
1.2
1.5
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
TC = - 55 °C
TC = 25 °C
Crss
0
300
600
900
1200
1500
1800
024
6
8
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
- 50 - 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
ID = 4.4 A
VGS =2.5 V
VGS =4.5 V, 1.8 V


Número de pieza similar - SI2305CDS_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2305CDS-T1-GE3 VISHAY-SI2305CDS-T1-GE3 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
logo
VBsemi Electronics Co.,...
SI2305CDS-T1-GE3 VBSEMI-SI2305CDS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2305CDS VISHAY-SI2305CDS_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI2305CDS_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1315DL-T1-GE3 VISHAY-SI1315DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 29-Nov-10
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 04-Jul-11
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
   P-Channel 8-V (D-S) MOSFET
Rev. C, 10-Nov-08
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1051X VISHAY-SI1051X Datasheet
138Kb / 6P
   P-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com