Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP100MC-160 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza SMP100MC-160
Descripción Electrónicos  Trisil??for telecom equipment protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC-160 Datasheet(HTML) 4 Page - STMicroelectronics

  SMP100MC-160 Datasheet HTML 1Page - STMicroelectronics SMP100MC-160 Datasheet HTML 2Page - STMicroelectronics SMP100MC-160 Datasheet HTML 3Page - STMicroelectronics SMP100MC-160 Datasheet HTML 4Page - STMicroelectronics SMP100MC-160 Datasheet HTML 5Page - STMicroelectronics SMP100MC-160 Datasheet HTML 6Page - STMicroelectronics SMP100MC-160 Datasheet HTML 7Page - STMicroelectronics SMP100MC-160 Datasheet HTML 8Page - STMicroelectronics SMP100MC-160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
SMP100MC
4/13
Doc ID 9699 Rev 5
Table 4.
Electrical characteristics - values (Tamb = 25 °C)
Types
IRM @ VRM
IR @ VR
Dynamic
VBO
(1)
1.
See Figure 16: Test circuit 1 for Dynamic IBO and VBO parameters
Static
VBO @ IBO
(2)
2.
See Figure 17: Test circuit 2 for IBO and VBO parameters
IH
(3)
3.
See Figure 18: Test circuit 3 for dynamic IH parameter
C(4)
4.
VR = 50 V bias, VRMS=1V, F=1 MHz
C(5)
5.
VR = 2 V bias, VRMS=1V, F=1 MHz
max.
max.
max.
max.
max.
min.
typ.
typ.
µA
V
µA
V
V
V
mA
mA
pF
pF
SMP100MC-140
2
126
5
140
180
175
800
150
30
60
SMP100MC-160
144
160
205
200
25
50
SMP100MC-200
180
200
255
250
20
45
SMP100MC-230
207
230
295
285
20
40
SMP100MC-270
243
270
345
335
20
40
SMP100MC-320
290
320
400
390
15
35
SMP100MC-360
325
360
460
450
15
35
SMP100MC-400
360
400
540
530
15
30


Número de pieza similar - SMP100MC-160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SMP100MC-160 STMICROELECTRONICS-SMP100MC-160 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
More results

Descripción similar - SMP100MC-160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
   TRISIL for telecom equipment protection
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com