Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74LS573N Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza DM74LS573N
Descripción Electrónicos  Octal D-Type Latch with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS573N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74LS573N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS573N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS573N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS573N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS573N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Switching Characteristics
at VCC = 5V and TA = 25°C
RL = 2 kΩ,
Symbol
Parameter
CL = 50 pF
Units
Min
Max
tPLH
Propagation Delay
27
ns
tPHL
Data to Q
18
tPLH
Propagation Delay
36
ns
tPHL
LE to Q
25
tPZH
3-STATE Enable Time
20
ns
tPZL
OE to Q
25
tPHZ
3-STATE Enable Time
20
ns
tPLZ
OE to Q
25
tS(H)
Setup Time (HIGH/LOW)
3
ns
tS(L)
Data to LE
7
tH(H)
Hold Time (HIGH/LOW)
10
ns
tH(L)
Data to LE
10
tW(H)
Pulse Width (HIGH)
15
ns
Data to LE


Número de pieza similar - DM74LS573N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74LS574 FAIRCHILD-DM74LS574 Datasheet
55Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
DM74LS574N FAIRCHILD-DM74LS574N Datasheet
55Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
DM74LS574WM FAIRCHILD-DM74LS574WM Datasheet
55Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Descripción similar - DM74LS573N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com