Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74LS573N Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza DM74LS573N
Descripción Electrónicos  Octal D-Type Latch with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS573N Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM74LS573N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS573N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS573N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS573N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS573N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Input Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
3.4
V
Output Voltage
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max,
0.35
0.5
Output Voltage
VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.4
mA
IOS
Short Circuit
VCC = Max
−30
−130
mA
Output Current
(Note 3)
ICC
Supply Current
VCC = Max
50
mA
IOZH
3-STATE Output
VCC = VCCH
20
µA
OFF Current HIGH
VOZH = 2.7V
IOZL
3-STATE Output
VCC = VCCH
−20
µA
OFF Current LOW
VOZL = 0.4V


Número de pieza similar - DM74LS573N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74LS574 FAIRCHILD-DM74LS574 Datasheet
55Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
DM74LS574N FAIRCHILD-DM74LS574N Datasheet
55Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
DM74LS574WM FAIRCHILD-DM74LS574WM Datasheet
55Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Descripción similar - DM74LS573N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com