Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74S139N Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza DM74S139N
Descripción Electrónicos  Decoder/Demultiplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S139N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74S139N Datasheet HTML 1Page - Fairchild Semiconductor DM74S139N Datasheet HTML 2Page - Fairchild Semiconductor DM74S139N Datasheet HTML 3Page - Fairchild Semiconductor DM74S139N Datasheet HTML 4Page - Fairchild Semiconductor DM74S139N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
DM74S138 Switching Characteristics
at VCC = 5V and TA = 25°C
DM74S139 Switching Characteristics
at VCC = 5V and TA = 25°C
RL = 280Ω
Symbol
Parameter
From (Input)
Levels
CL = 15 pF
CL = 50 pF
Units
To (Output)
of Delay
Min
Max
Min
Max
tPLH
Propagation Delay Time
Select to Output
2
7
9
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
2
10.5
14
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Output
3
12
14
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
3
12
15
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Output
2
8
10
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Output
2
11
14
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Output
3
11
13
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Output
3
11
14
ns
HIGH-to-LOW Level Output
RL = 280Ω
Symbol
Parameter
From (Input)
Levels
CL = 15 pF
CL = 50 pF
Units
To (Output)
of Delay
Min
Max
Min
Max
tPLH
Propagation Delay Time
Select to Output
2
7.5
10
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
2
10
13
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Output
3
12
13
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
3
12
15
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Output
2
8
10
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Output
2
10
13
ns
HIGH-to-LOW Level Output


Número de pieza similar - DM74S139N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DM74S132 NSC-DM74S132 Datasheet
56Kb / 3P
   Quad 2-Input Schmitt Trigger NAND Gate
DM74S132N NSC-DM74S132N Datasheet
56Kb / 3P
   Quad 2-Input Schmitt Trigger NAND Gate
logo
Fairchild Semiconductor
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
   13-Input NAND Gate
DM74S133M FAIRCHILD-DM74S133M Datasheet
46Kb / 4P
   13-Input NAND Gate
DM74S133N FAIRCHILD-DM74S133N Datasheet
46Kb / 4P
   13-Input NAND Gate
More results

Descripción similar - DM74S139N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
DM74LS138 FAIRCHILD-DM74LS138 Datasheet
81Kb / 7P
   Decoder/Demultiplexer
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370_07 Datasheet
74Kb / 5P
   UNIVERSAL DEMULTIPLEXER/ DECODER
SY100S370 MICREL-SY100S370_06 Datasheet
97Kb / 8P
   UNIVERSAL DEMULTIPLEXER/DECODER
SY100S370 MICREL-SY100S370 Datasheet
113Kb / 7P
   UNIVERSAL DEMULTIPLEXER/ DECODER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com