Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN1582M15X Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FAN1582M15X
Descripción Electrónicos  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582M15X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN1582M15X Datasheet HTML 1Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 2Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 3Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 4Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 5Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 6Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 7Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 8Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
FAN1582
REV. 1.1.2 2/26/03
3
Absolute Maximum Ratings
Electrical Characteristics
TJ=25°C, VOUT = VS, VADJ = 0V unless otherwise specified.
The • denotes specifications which apply over the specified operating temperature range.
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation (18W). Power dissipation is determined by
input/output differential and the output current. Guaranteed maximum output power will not be available over the full input/
output voltage range.
3. FAN1582 only.
4. FAN1582-1.5 only.
5. FAN1582-2.5 only.
Parameter
Min.
Max.
Unit
VIN
7V
VCNTL
13.2
V
Operating Junction Temperature Range
0
125
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Storage Temperature Range
-65
150
°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Reference Voltage3
VIN = 2.0V, VCNTL = 2.75V,
IOUT = 10mA
1.243
1.250
1.257
V
Reference Voltage3
2.05V
≤ VIN ≤ 5.5V,
2.7V
≤ VCNTL ≤ 12V,
10mA
≤ IOUT ≤ 3A
1.237
1.250
1.263
V
Adjustable Output Voltage
3V
≤ VIN ≤ 7V (function of Vout),
10mA
≤ IOUT ≤ 3A
Vref
1.5
5.7
V
Output Voltage4
3V
≤ VIN ≤ 7V, 10mA ≤ IOUT ≤ 3A
1.47
1.5
1.53
V
Output Voltage5
5.1V
≤ VIN ≤ 7V, 10mA ≤ IOUT ≤ 3A
2.474
2.5
2.526
V
Line Regulation1,2
1.75V
≤ VIN ≤ 5.5V, 2.5V ≤ VCNTL ≤ 12V,
IOUT = 10mA
•1
3
mV
Load Regulation1,2
VIN = 2.1V, VCNTL = 2.75V,
10mA
≤ IOUT ≤ 3A
•1
5
mV
Dropout Voltage Minimum
(VCNTL–VOUT)
VIN = 2.05V,
∆VREF = 1%, IOUT = 3A
1.05
1.18
V
Dropout Voltage Minimum
(VIN–VOUT)
VCNTL = 2.75V,
∆VREF = 1%,
IOUT = 3A
0.4
0.5
V
Dropout Voltage Minimum VIN
VCNTL = 2.75V,
∆VREF = 1%,
IOUT = 3A
0.5
0.6
V
Current Limit
VIN = 2.05V, VCNTL = 2.75V
3.1
A
Control Pin Current
VIN = 2.05V, VCNTL = 2.75V,
IOUT = 10mA
•2
6
mA
Adjust Pin Current3
VIN = 2.05V, VCNTL = 2.75V
50
120
µA
Minimum Load Current
VIN = 3.3V, VCNTL = 5V
5.0
10
mA
Ripple Rejection
VIN = 3.75V, VCNTL = 3.75V, f = 120Hz,
COUT = 22µF Tantalum, IOUT = 1.5A
60
80
dB
Thermal Resistance, Junction to
Case
TO-263/TO-252
SPAK
3
2
°C/W
Thermal Regulation
TA = 25°C, 30ms pulse
0.002
0.02
%/W
Thermal Shutdown
150
°C


Número de pieza similar - FAN1582M15X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN1582M15X FAIRCHILD-FAN1582M15X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Descripción similar - FAN1582M15X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com