Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA2903SF Datasheet(PDF) 7 Page - Rohm |
|
BA2903SF Datasheet(HTML) 7 Page - Rohm |
7 / 25 page Technical Note 7/24 BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV, BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ●Reference Data BA8391 family (*)The data above is ability value of sample, it is not guaranteed. BA8391G:-40[℃]~+85[℃] 0 1 2 3 4 5 -100 -80 -60 -40 -20 0 OUTPUT DRIVE VOLTAGE[mV] 0 1 2 3 4 5 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE[℃] 0 1 2 3 4 5 -50 -250 255075 100 AMBIENT TEMPERATURE[℃] 60 80 100 120 140 160 180 200 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE[℃] 40 60 80 100 120 140 160 0 1020 3040 SUPPLY VOLTAGE[V] 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE[℃] 2V 5V 36V -6 -4 -2 0 2 4 6 -1 0 1 2 3 4 5 INPUT VOLTAGE[V] 60 70 80 90 100 110 120 130 140 0 10 203040 SUPPLY VOLTAGE[V] 25℃ -40℃ 85℃ -50 -40 -30 -20 -10 0 10 20 30 40 50 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE[℃] 5V 2V 36V Fig.18 入力オフセット電圧-同相入力電圧範囲 (VCC=5[V]) Fig.14 大振幅電圧利得-電源電圧特性 Fig.15 大振幅電圧利得-温度特性 Fig.16 同相信号除去比-電源電圧特性 Fig.17 同相信号除去比-温度特性 Fig.19 電源電圧除去比-温度特性 Fig.13 入力オフセット電流-温度特性 Fig.20 L→H応答時間-オーバードライブ電圧特性 (VCC=5[V],VRL=5[V],RL=5.1[kΩ]) Fig.21 L→H応答時間-温度特性 (VCC=5[V],VRL=5[V],RL=5.1[kΩ]) Fig.22 H→L応答時間-オーバードライブ電圧特性 (VCC=5[V],VRL=5[V],RL=5.1[kΩ]) 60 70 80 90 100 110 120 130 140 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE[℃] 5V 2V 36V 0 1 2 3 4 5 0 2040 6080 100 OUTPUT DRIVE VOLTAGE[mV] Fig.23 H→L応答時間-温度特性 (VCC=5[V],VRL=5[V],RL=5.1[kΩ]) 25℃ -40℃ 85℃ 25℃ -40℃ 85℃ 25℃ -40℃ 85℃ 20m V overdrive 100m V overdrive 5mV overdrive 25℃ -40℃ 85℃ 20m V overdrive 100mV overdrive 5m V overdrive BA8391ファ ミリ BA8391ファ ミリ BA8391ファ ミリ BA8391ファ ミリ BA8391ファ ミリ BA8391ファ ミリ BA8391ファ ミリ BA8391ファ ミリ BA8391ファ ミリ BA8391ファ ミリ BA8391ファ ミリ BA8391 family BA8391 family BA8391 family BA8391 family BA8391 family BA8391 family BA8391 family BA8391 family BA8391 family Fig.16 Common Mode Rejection Ratio - Supply Voltage Fig.17 Common Mode Rejection Ratio - Ambient Temperature Fig.22 Response Time (High to Low) - Over Drive Voltage (VCC=5[V],VRL=5[V],RL=5.1[k Ω]) Fig.23 Response Time (High to Low) - Ambient Temperature (VCC=5[V],VRL=5[V],RL=5.1[k Ω]) Fig.13 Input Offset Current - Ambient Temperature Fig.14 Large Signal Voltage Gain - Supply Voltage Fig.15 Large Signal Voltage Gain - Ambient Temperature Fig.19 Power Supply Rejection Ratio - Ambient Temperature Fig.21 Response Time (Low to High) - Ambient Temperature (VCC=5[V],VRL=5[V],RL=5.1[k Ω]) Fig.20 Response Time (Low to High) - Over Drive Voltage (VCC=5[V],VRL=5[V],RL=5.1[k Ω]) BA8391 family BA8391 family Fig.18 Input Offset Voltage - Input Voltage (VCC=5V) |
Número de pieza similar - BA2903SF |
|
Descripción similar - BA2903SF |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |