Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2515S28X Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN2515S28X
Descripción Electrónicos  200 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2515S28X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN2515S28X Datasheet HTML 1Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 2Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 3Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 4Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 5Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 6Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 7Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 8Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.fairchildsemi.com
REV. 1.0.8 2/14/03
Features
• Ultra Low Power Consumption
• Enable optimized for CDMA time phases
• 200 mV dropout voltage at 200 mA
• 75 µA ground current at 200 mA
• Enable/Shutdown Control
• SOT23-5 package
• Thermal limiting
• 300 mA peak current
Applications
• Cellular Phones and accessories
•PDAs
• Portable cameras and video recorders
• Laptop, notebook and palmtop computers
Description
The FAN2514/15 family of micropower low-dropout voltage
regulators utilize CMOS technology to offer a new level of
cost-effective performance in GSM, TDMA, and CDMA
cellular handsets, Laptop and Notebook portable computers,
and other portable devices. Features include extremely low
power consumption and low shutdown current, low dropout
voltage, exceptional loop stability able to accommodate a
wide variety of external capacitors, and the compact SOT23-5
surface-mount package. In addition, the FAN2514/15 family
offer the fast power-cycle time required in CDMA handset
applications. The products offer significant improvements
over older BiCMOS designs and are pin-compatible with
many popular devices. The output is thermally protected
against overload.
The FAN2514 and FAN2515 devices are distinguished by
the assignment of pin 4:
FAN2514: pin 4 – ADJ, allowing the user to adjust the
output voltage over a wide range using an external voltage
divider.
FAN2514-XX: pin 4 – BYP, to which a bypass capacitor
may be connected for optimal noise performance. Output
voltage is fixed, indicated by the suffix XX.
FAN2515-XX: pin 4 – ERR, a flag which indicates that the
output voltage has dropped below the specified minimum
due to a fault condition.
The standard fixed output voltages available are 2.5V, 2.6V,
2.7V, 2.8V, 2.85V, 3.0V, and 3.3V. Custom output voltage are
also available: please contact your local Fairchild Sales
Office for information.
FAN2514, FAN2515
200 mA CMOS LDO Regulators
with Fast Start Enable
Block Diagrams
FAN2514
EN
ADJ
GND
Thermal
Sense
p
VIN
VOUT
Bandgap
Error
Amplifier
FAN2514-XX
EN
BYP
GND
GND
Bandgap
Thermal
Sense
p
Error
Amplifier
VIN
VOUT
FAN2515-XX
EN
ERR
Bandgap
Thermal
Sense
p
Error
Amplifier
VIN
VOUT


Número de pieza similar - FAN2515S28X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2515S25X FAIRCHILD-FAN2515S25X Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results

Descripción similar - FAN2515S28X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com