Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5230QSC Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN5230QSC
Descripción Electrónicos  System Electronics Regulator for Mobile PCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5230QSC Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5230QSC Datasheet HTML 4Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 5Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 6Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 7Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 8Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 9Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 10Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 11Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FAN5230
8
REV. 2.8.5 10/17/01
Figure 2. FAN5230 12V Internal Block Diagram
Figure 3. FAN5230 5V/3.3V—ALWAYS Internal Block Diagram
16R
+
R
PWM
Ve
Ramp
S
R
Q
Q
CLK:3
DISABLE
VFB12
VREF=2.5V
+5
SW12
FAN5230
12V Converter
V out
Vout
CLK:3
(30%DC, 100kHz)
CK:3
CK :3
Ve
Ramp
PWM
+
LDO
VIN
VFB5
5V ALWAYS
FAN5230
5V/3.3V-ALWAYS
LDO
3.3V ALWAYS


Número de pieza similar - FAN5230QSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5234 FAIRCHILD-FAN5234 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
More results

Descripción similar - FAN5230QSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5235 FAIRCHILD-FAN5235 Datasheet
85Kb / 15P
   System Electronics Regulator for Mobile PCs
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com