Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5250QSCX Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN5250QSCX
Descripción Electrónicos  Mobile Processor Core-Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5250QSCX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN5250QSCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FAN5250
2
REV. 1.1.6 3/12/03
Typical Application
Figure 1.
Pin Assignments
QSOP-24
ΘJA = 90°C
FAN5250
VIN (BATTERY)
= 5 to 24V
HDRV
BOOT
SW
LDRV
22
23
20
19
VIN
13
START
PGND
C
BOOT
Q1
C
OUT
18
16
VCORE+
4
EN
14
SS
11
VCC
10
9
8
12
VID0
VID1
VID2
VID3
VID4
2
15
R5
DSX
R7
ALTV
24
PVCC
+5
+5
+5
1
AGND
3
V CORE
PGOOD
6
17
7
FREQ
ISNS
21
5
C
SS
R8
ILIM
N/C
FPWM
L
OUT
Q2
PVCC
LDRV
PGND
ISNS
SW
HDRV
BOOT
NC
VCORE+
ILIM
SS
VIN
AGND
VCC
PGOOD
EN
FPWM
ALTV
FREQ
VID4
VID3
VID2
VID1
VID0
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Número de pieza similar - FAN5250QSCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
More results

Descripción similar - FAN5250QSCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6211 INTERSIL-ISL6211 Datasheet
257Kb / 16P
   Crusoe??Processor Core-Voltage Regulator
logo
Renesas Technology Corp
ISL6211 RENESAS-ISL6211 Datasheet
714Kb / 16P
   Crusoe™ Processor Core-Voltage Regulator
Nov 2001
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
logo
AAEON Technology
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com