Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC0808 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC0808
Descripción Electrónicos  8-Bit D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC0808 Datasheet(HTML) 5 Page - Texas Instruments

  DAC0808 Datasheet HTML 1Page - Texas Instruments DAC0808 Datasheet HTML 2Page - Texas Instruments DAC0808 Datasheet HTML 3Page - Texas Instruments DAC0808 Datasheet HTML 4Page - Texas Instruments DAC0808 Datasheet HTML 5Page - Texas Instruments DAC0808 Datasheet HTML 6Page - Texas Instruments DAC0808 Datasheet HTML 7Page - Texas Instruments DAC0808 Datasheet HTML 8Page - Texas Instruments DAC0808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics (Continued)
(V
CC = 5V, VEE = −15 VDC,VREF/R14 = 2 mA, and all digital inputs at high logic level unless otherwise noted.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
All Bits Low
V
CC = 5V, VEE = −5V
33
170
mW
V
CC = 5V, VEE = −15V
106
305
mW
All Bits High
V
CC = 15V, VEE = −5V
90
mW
V
CC = 15V, VEE = −15V
160
mW
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions.
Note 3: Range control is not required.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD =(TJMAX −TA)/θJA or the number given in the Absolute Maixmum Ratings, whichever is lower. For this device,
TJMAX = 125˚C, and the typical junction-to-ambient thermal resistance of the dual-in-line J package when the board mounted is 100˚C/W. For the dual-in-lineN
package, this number increases to 175˚C/W and for the small outline M package this number is 100˚C/W.
Note 5: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 6: All current switches are tested to guarantee at least 50% of rated current.
Note 7: All bits switched.
Note 8: Pin-out numbers for the DAL080X represent the dual-in-line package. The small outline package pinout differs from the dual-in-line package.
Typical Application
Typical Performance Characteristics V
CC =5V, VEE = −15V, TA = 25˚C, unless otherwise noted
DS005687-3
DS005687-23
FIGURE 1. +10V Output Digital to Analog Converter (Note 8)
Logic Input Current vs
Input Voltage
DS005687-14
Bit Transfer Characteristics
DS005687-15
Logic Threshold Voltage vs
Temperature
DS005687-16
www.national.com
4


Número de pieza similar - DAC0808

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
222Kb / 10P
   8-Bit D/A Converters
DAC0808 NSC-DAC0808 Datasheet
309Kb / 12P
   8-Bit D/A Converter
DAC0808 NSC-DAC0808 Datasheet
195Kb / 10P
   8-Bit D/A Converters
January 1995
DAC0808LCM NSC-DAC0808LCM Datasheet
222Kb / 10P
   8-Bit D/A Converters
DAC0808LCM NSC-DAC0808LCM Datasheet
309Kb / 12P
   8-Bit D/A Converter
More results

Descripción similar - DAC0808

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
   8-Bit A/D Converter
REV. A
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
   8-bit A/D Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
   8-Bit A/D Converter
REV. A
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
   8-Bit D/A Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
   8-bit A/D and D/A converter
Rev. 02-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com