Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC6302P Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDC6302P
Descripción Electrónicos  Digital FET, Dual P-Channel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6302P Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC6302P Datasheet HTML 1Page - Fairchild Semiconductor FDC6302P Datasheet HTML 2Page - Fairchild Semiconductor FDC6302P Datasheet HTML 3Page - Fairchild Semiconductor FDC6302P Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FDC6302P Rev.C
Figure 10. Single Pulse Maximum Power
Dissipation.
0.1
0.3
1
2
5
10
15
25
1
2
3
5
10
15
25
-V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical And Thermal Characteristics
0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
Q
, GATE CHARGE (nC)
g
V
= -5V
DS
-10
-15
I
= -0.2A
D
1
2
5
10
20
40
0.01
0.02
0.05
0.1
0.2
0.5
0.8
- V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
DC
DS
1s
100ms
10ms
V
= -2.7V
SINGLE PULSE
R
=See Note 1b
T = 25°C
GS
A
θJA
1ms
0.01
0.1
1
10
100
300
0
1
2
3
4
5
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=See note 1b
T = 25°C
θJA
A
0.0001
0.001
0.01
0.1
1
10
100
300
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= See Note 1b
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 11. Transient Thermal Response Curve
.
Note: Thermal characterization performed using the conditions described in note 1b.Transient thermal
response will change depending on the circuit board design.


Número de pieza similar - FDC6302P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDC6301 FAIRCHILD-FDC6301 Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
logo
TECH PUBLIC Electronics...
FDC6301N-TP TECHPUBLIC-FDC6301N-TP Datasheet
870Kb / 3P
   Dual N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
More results

Descripción similar - FDC6302P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
FDG6304P FAIRCHILD-FDG6304P Datasheet
227Kb / 8P
   Dual P-Channel, Digital FET
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com