Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS8000-095 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza GS8000-095
Descripción Electrónicos  Increase package design flexibility while maintaining electrical integrity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

GS8000-095 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS8000-095 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS8000-095 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS8000-095 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS8000-095 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTICE — USE RESTRICTIONS APPLY
Not for use in food, drug, cosmetic or medical device
manufacturing, processing, or packaging operations.
W. L. Gore & Associates. Inc.
GORE and design are trademarks of W. L. Gore & Associates, Inc. ©2012 W. L. Gore & Associates, Inc.
11-21-12
Ordering Information
The GS8000 Series of GORE® EMI Shielding Materials are
available as custom die-cut gaskets, strip gaskets, and
grounding pads. To order or specify GS8000 grounding pads
and custom die-cut gaskets, contact Gore for assistance.
Standard strip gaskets (as seen in Table 5) are available
through several distributors. Go to gore.com/emidistribu-
tors for the list. These strip gaskets are packaged on
15 meter rolls. For other available strip gasket configura-
tions, contact Gore for assistance.
Figure 6: GS8000-126 Force Displacement Resistance
(testing with 5 x 5 mm grounding pads)
0.25
0.20
0.15
0.10
0.05
0.00
350
300
250
200
150
100
50
0
mm 2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6 mm
in 0.087
0.079
0.071
0.063
0.055
0.047
0.039
0.031
0.024 in
Compressed Gap
Pressure
DC Resistance
0.25
0.20
0.15
0.10
0.05
0.00
350
300
250
200
150
100
50
0
mm 1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
in 0.47
0.43
0.39
0.35
0.31
0.28
0.24
0.20
Compressed Gap
Pressure
DC Resistance
Figure 5: GS8000-095 Force Displacement Resistance
(testing with 5 x 5 mm grounding pads)
Table 5: Strip Gasket Ordering Information
Part Number
Variants
Width
EDR-80-03X-0500-SC
GS8000-03X
0.500"
EDR-80-03X-0250-SC
GS8000-03X
0.250"
EDR-80-03X-0125-SC
GS8000-03X
0.125"
EDR-80-063-0500-SC
GS8000-063
0.500"
EDR-80-063-0250-SC
GS8000-063
0.250"
EDR-80-063-0125-SC
GS8000-063
0.125"
EDR-80-095-0500-SC
GS8000-095
0.500"
EDR-80-095-0250-SC
GS8000-095
0.250"
EDR-80-095-0125-SC
GS8000-095
0.125"
EDR-80-126-0500-SC
GS8000-126
0.500"
EDR-80-126-0250-SC
GS8000-126
0.250"
EDR-80-126-0125-SC
GS8000-126
0.125"
GORE
®
EMI Shielding
MATERIALS
gore.com
GS8000 SERIES — Gaskets
and Grounding Pads
Page 4


Número de pieza similar - GS8000-095

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS8000 GENNUM-GS8000 Datasheet
302Kb / 16P
   DVI / HDMI Extender
GS8000ACNE3 GENNUM-GS8000ACNE3 Datasheet
302Kb / 16P
   DVI / HDMI Extender
More results

Descripción similar - GS8000-095

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
logo
List of Unclassifed Man...
M9-U ETC2-M9-U Datasheet
243Kb / 2P
   Compact size maximizes design flexibility
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
   High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com