Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC6324L Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDC6324L
Descripción Electrónicos  Integrated Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6324L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC6324L Datasheet HTML 1Page - Fairchild Semiconductor FDC6324L Datasheet HTML 2Page - Fairchild Semiconductor FDC6324L Datasheet HTML 3Page - Fairchild Semiconductor FDC6324L Datasheet HTML 4Page - Fairchild Semiconductor FDC6324L Datasheet HTML 5Page - Fairchild Semiconductor FDC6324L Datasheet HTML 6Page - Fairchild Semiconductor FDC6324L Datasheet HTML 7Page - Fairchild Semiconductor FDC6324L Datasheet HTML 8Page - Fairchild Semiconductor FDC6324L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FDC6324L Rev. D
Figure 6. Switching Variation with R2 at
Vin=12V and R1=300KOhm.
Figure 7. Switching Variation with R2 at
Vin=5V and R1=300KOhm
.
0
20
40
60
80
100
0
100
200
300
400
500
R2 (KOhm)
Vin = 3.3V
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
td(on)
tr
td(off)
tf
0
20
40
60
80
100
0
20
40
60
80
100
120
R2 (KOhm)
Vin = 12V
5V
3.3V
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
0
20
40
60
80
100
0
100
200
300
400
500
R2 (KOhm)
td(on)
tr
td(off)
tf
Vin = 12V
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
0
20
40
60
80
100
0
100
200
300
400
500
R2 (KOhm)
Vin = 5V
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
td(on)
tr
td(off)
tf
Figure 8. Switching Variation with R2 at
Vin=3.3V and R1=300KOhm
.
Figure 9. % of Current Overshoot Variation
with Vin and R2
.
0
20
40
60
80
100
0
400
800
1,200
1,600
2,000
R2 (KOhm)
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
Vin = 3.3V
5V
12V
Figure 10. Vdrop Variation with Vin and R2
.
Typical Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
Figure 11. Switching Waveforms.
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d (off)
f
r
d (on)
t
t
t
t
t
t
INVERTED
10%
PULSE W IDTH


Número de pieza similar - FDC6324L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
More results

Descripción similar - FDC6324L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com