Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC6327 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDC6327
Descripción Electrónicos  Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6327 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDC6327 Datasheet HTML 1Page - Fairchild Semiconductor FDC6327 Datasheet HTML 2Page - Fairchild Semiconductor FDC6327 Datasheet HTML 3Page - Fairchild Semiconductor FDC6327 Datasheet HTML 4Page - Fairchild Semiconductor FDC6327 Datasheet HTML 5Page - Fairchild Semiconductor FDC6327 Datasheet HTML 6Page - Fairchild Semiconductor FDC6327 Datasheet HTML 7Page - Fairchild Semiconductor FDC6327 Datasheet HTML 8Page - Fairchild Semiconductor FDC6327 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FDC6327C, Rev. E
FDC6327C
Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
General Description
These N & P-Channel 2.5V specified MOSFETs are
produced using Fairchild Semiconductor's advanced
PowerTrench process that has been especially tailored
to minimize on-state resistance and yet maintain low gate
charge for superior switching performance.
These devices have been designed to offer exceptional power
dissipation in a very small footprint for applications where
the bigger more expensive SO-8 and TSSOP-8 packages
are impractical.
Applications
DC/DC converter
Load switch
Motor driving
July 2000
Features
N-Channel 2.7A, 20V. R
DS(on)
= 0.08
Ω @ V
GS
= 4.5V
R
DS(on)
= 0.12
Ω @ V
GS
= 2.5V
P-Channel -1.6A, -20V.R
DS(on)
= 0.17
Ω @ V
GS
= -4.5V
R
DS(on)
= 0.25
Ω @ V
GS
= -2.5V
Fast switching speed.
Low gate charge.
High performance trench technology for extremely
low R
DS(ON).
SuperSOTTM-6 package: small footprint (72% smaller
than SO-8); low profile (1mm thick).
1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
N-Channel
P-Channel
Units
VDSS
Drain-Source Voltage
20
-20
V
VGSS
Gate-Source Voltage
±8
±8V
ID
Drain Current
- Continuous
(Note 1a)
2.7
-1.9
A
- Pulsed
8
-8
PD
Power Dissipation
(Note 1a)
0.96
W
(Note 1b)
0.9
(Note 1c)
0.7
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
130
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
60
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
.327
FDC6327C
7”
8mm
3000
D1
S2
G1
D2
S1
G2
SuperSOT
-6
TM
1
5
6
3
2
4


Número de pieza similar - FDC6327

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
FDC6327C VBSEMI-FDC6327C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Descripción similar - FDC6327

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com