Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC642P Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDC642P
Descripción Electrónicos  P-Channel 2.5V Specified PowerTrench?줞OSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC642P Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC642P Datasheet HTML 1Page - Fairchild Semiconductor FDC642P Datasheet HTML 2Page - Fairchild Semiconductor FDC642P Datasheet HTML 3Page - Fairchild Semiconductor FDC642P Datasheet HTML 4Page - Fairchild Semiconductor FDC642P Datasheet HTML 5Page - Fairchild Semiconductor FDC642P Datasheet HTML 6Page - Fairchild Semiconductor FDC642P Datasheet HTML 7Page - Fairchild Semiconductor FDC642P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDC642P, Rev. B
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250
µA
-20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250
µA, Referenced to 25°C
-16
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = -16 V, VGS = 0 V
-1
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 8 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -8 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250
µA
-0.4
-0.7
-1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = -250
µA, Referenced to 25°C
2.5
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = -4.5 V, ID = -4 A
VGS = -4.5 V, ID = -4 A, TJ=125
°C
VGS = -2.5 V, ID = -3.2 A
0.054
0.076
0.077
0.065
0.105
0.100
ID(on)
On-State Drain Current
VGS = -4.5 V, VDS = -5 V
-10
A
gFS
Forward Transconductance
VDS = -5 V, ID = -4 A
9
S
Dynamic Characteristics
Ciss
Input Capacitance
640
pF
Coss
Output Capacitance
180
pF
Crss
Reverse Transfer Capacitance
VDS = -10 V, VGS = 0 V
f = 1.0 MHz
90
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
11
20
ns
tr
Turn-On Rise Time
19
30
ns
td(off)
Turn-Off Delay Time
26
42
ns
tf
Turn-Off Fall Time
VDD = -10 V, ID = -1 A
VGS = -4.5 V, RGEN = 6
35
55
ns
Qg
Total Gate Charge
7.2
10
nC
Qgs
Gate-Source Charge
1.7
nC
Qgd
Gate-Drain Charge
VDS = -10 V, ID = -4 A
VGS = -4.5 V,
1.6
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
-1.3
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -1.3 A
(Note 2)
-0.75
-1.2
V
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface
of the drain pins. RθJCis guaranteed by design while RθCAis determined by the user's board design.
2. Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
a) 78° C/W when mounted on a 1.0 in2 pad of 2 oz. copper.
b) 156° C/W when mounted on a minimum pad of 2 oz.copper.


Número de pieza similar - FDC642P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
FDC642P-F085P ONSEMI-FDC642P-F085P Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
logo
Fairchild Semiconductor
FDC642P FAIRCHILD-FDC642P_09 Datasheet
263Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
FDC642P_F085 FAIRCHILD-FDC642P_F085 Datasheet
132Kb / 5P
   FDC642P P-Channel 2.5V specified PowerTrench MOSFET
More results

Descripción similar - FDC642P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDZ204P FAIRCHILD-FDZ204P Datasheet
195Kb / 6P
   P-Channel 2.5V Specified PowerTrench
FDZ206P FAIRCHILD-FDZ206P Datasheet
219Kb / 5P
   P-Channel 2.5V Specified PowerTrench
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com