Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX14MTCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74LCX14MTCX
Descripción Electrónicos  74LCX14 Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX14MTCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LCX14MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX14 Rev. 1.7.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
2. IO Absolute Maximum Rating must be observed.
Recommended Operating Conditions(3)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
3. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VI
DC Input Voltage
–0.5V to +7.0V
VO
DC Output Voltage, Output in HIGH or LOW State(2)
–0.5V to VCC + 0.5V
IIK
DC Input Diode Current, VI < GND
–50mA
IOK
DC Output Diode Current
VO < GND
–50mA
VO > VCC
+50mA
IO
DC Output Source/Sink Current
±50mA
ICC
DC Supply Current per Supply Pin
±100mA
IGND
DC Ground Current per Ground Pin
±100mA
TSTG
Storage Temperature
–65°C to +150°C
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
0
5.5
V
VO
Output Voltage, HIGH or LOW State
0
VCC
V
IOH / IOL
Output Current
VCC = 3.0V–3.6V
±24
mA
VCC = 2.7V–3.0V
±12
VCC = 2.3V–2.7V
±8


Número de pieza similar - 74LCX14MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX14MTCX_NL FAIRCHILD-74LCX14MTCX_NL Datasheet
82Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
More results

Descripción similar - 74LCX14MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com