Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002K215 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 2N7002K215
Descripción Electrónicos  TrenchMOS??logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002K215 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 2N7002K215 Datasheet HTML 4Page - NXP Semiconductors 2N7002K215 Datasheet HTML 5Page - NXP Semiconductors 2N7002K215 Datasheet HTML 6Page - NXP Semiconductors 2N7002K215 Datasheet HTML 7Page - NXP Semiconductors 2N7002K215 Datasheet HTML 8Page - NXP Semiconductors 2N7002K215 Datasheet HTML 9Page - NXP Semiconductors 2N7002K215 Datasheet HTML 10Page - NXP Semiconductors 2N7002K215 Datasheet HTML 11Page - NXP Semiconductors 2N7002K215 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
2N7002K
TrenchMOS™ logic level FET
Product data
Rev. 01 — 20 October 2003
9 of 12
9397 750 11703
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.
Package outline
Fig 14. SOT23.
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Número de pieza similar - 2N7002K215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN SLS TECHNOLOGY...
2N7002K SHENZHENSLS-2N7002K Datasheet
307Kb / 1P
   Plastic-Encapsulate MOSFETS
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
233Kb / 3P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 21-Feb-05
logo
Nexperia B.V. All right...
2N7002K NEXPERIA-2N7002K Datasheet
347Kb / 13P
   TrenchMOS™ logic level FET
Rev. 01 - 20 October 2003
logo
Wuxi NCE Power Semicond...
2N7002K NCEPOWER-2N7002K Datasheet
295Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
logo
Nanjing International G...
2N7002K DGNJDZ-2N7002K Datasheet
1Mb / 2P
   Voltage controlled small signal switch
More results

Descripción similar - 2N7002K215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com