Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N6402G Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. 2N6402G
Descripción  SCRs 16 AMPERES RMS 50 thru 800 VOLTS
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

2N6402G Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N6400 Series
http://onsemi.com
5
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
100
10
1
10
1
100
Figure 6. Typical Gate Trigger Current
versus Pulse Width
30
50
20
10
5.0
70
7.0
125
110
80
65
50
35
5
-10
-25
20
TJ, JUNCTION TEMPERATURE (°C)
200
100
50
20
10
5.0
0.2
1.0
0.5
2.0
PULSE WIDTH (ms)
125
110
95
80
50
35
5
-40
0.8
-10
-25
20
TJ, JUNCTION TEMPERATURE (°C)
0.6
0.4
0.2
3.0
100
1.0
TJ = -40°C
25
°C
125
°C
-40
OFF‐STATE VOLTAGE = 12 V
RL = 50 W
2.0
1.0
Figure 7. Typical Gate Trigger Current
versus Junction Temperature
Figure 8. Typical Gate Trigger Voltage
versus Junction Temperature
Figure 9. Typical Holding Current
versus Junction Temperature
95
65
0.9
0.7
0.5
0.3
125
110
95
80
50
35
5
-40
-10
-25
20
65


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn