Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2832DWTR Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza UC2832DWTR
Descripción Electrónicos  Precision Low Dropout Linear Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC2832DWTR Datasheet(HTML) 3 Page - Texas Instruments

  UC2832DWTR Datasheet HTML 1Page - Texas Instruments UC2832DWTR Datasheet HTML 2Page - Texas Instruments UC2832DWTR Datasheet HTML 3Page - Texas Instruments UC2832DWTR Datasheet HTML 4Page - Texas Instruments UC2832DWTR Datasheet HTML 5Page - Texas Instruments UC2832DWTR Datasheet HTML 6Page - Texas Instruments UC2832DWTR Datasheet HTML 7Page - Texas Instruments UC2832DWTR Datasheet HTML 8Page - Texas Instruments UC2832DWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
Supply Current
+VIN = 6 V
6.5
10
mA
+VIN = 36 V
9.5
15
mA
Logic Disable = 2 V (UCx832 only)
3.3
mA
Reference Section
Output Voltage (Note 3)
TJ = 25
°C, IDRIVER = 10 mA
1.98
2.00
2.02
V
over temperature, IDRIVER = 10 mA
1.96
2.00
2.04
V
Load Regulation (UCx832 only)
IO = 0 to 10 m
-10
-5.0
mV
Line Regulation
+VIN = 4.5
V to 36 V, IDRIVER = 10 m
0.033
0.5
mV/V
Under-Voltage Lockout Threshold
3.6
4.5
V
Logic Disable Input (UCx832 only)
Threshold Voltage
1.3
1.4
1.5
V
Input Bias Current
Logic Disable = 0 V
-5.0
-1.0
µA
Current Sense Section
Comparator Offset
95
100
105
mV
Over Temperature
93
100
107
mV
Amplifier Offset (UCx833 only)
110
135
170
mV
Amplifier Offset (UCx832 only)
VADJ = Open
110
135
170
mV
VADJ = 1 V
180
235
290
mV
VADJ = 0 V
250
305
360
mV
Input Bias Current
VCM = +VIN
65
100
135
µA
Input Offset Current (UCx832 only)
VCM = +VIN
-10
10
µA
Amplifier CMRR (UCx832 only)
VCM = 4.1 V to + VIN + 0.3
80
dB
Transconductance
ICOMP =
±100 µA65
mS
VADJ Input Current (UCx832 only)
VADJ = 0V
-10
-1
µA
Timer
Inactive Leakage Current
C/S(+) = C/S(-) = +VIN; TRC pin = 2 V
0.25
1.0
µA
Active Pullup Current
C/S(+) = +VIN, C/S(-) = +VIN - 0.4V; TRC pin = 0 V
-345
-270
-175
µA
Duty Ratio (note 4)
ontime/period, RT = 200k, CT = 0.27
µF4.8
%
Period (notes 4,5)
ontime + offtime, RT = 200k, CT = 0.27
µF
36
ms
Upper Trip Threshold (Vu)
1.8
V
Lower Trip Threshold (Vl)
0.9
V
Trip Threshold Ratio
Vu/Vl
2.0
V/V
Error Amplifier
Input Offset Voltage (UCx832 only)
VCM = VCOMP = 2 V
-8.0
8.0
mV
Input Bias Current
VCM = VCOMP = 2 V
-4.5
-1.1
µA
Input Offset Current (UCx832 only)
VCM = VCOMP = 2 V
-1.5
1.5
µA
AVOL
VCOMP = 1 V to 13 V
50
70
dB
CMRR (UCx832 only)
VCM = 0V to +VIN - 3 V
60
80
dB
PSRR (UCx832 only)
VCM = 2 V, +VIN = 4.5
V to 36
90
dB
Transconductance
ICOMP =
±10 µA4.3
mS
VOH
ICOMP = 0, Volts below +VIN
.95
1.3
V
VOL
ICOMP = 0
.45
0.7
V
IOH
VCOMP = 2 V
-700
-500
-100
µA
UC1832
UC2832/3
UC3832/3
Unless otherwise stated, specifications hold for
TA = 0°C to 70°C for the UC3832/3, –40°C to 85°C
for the UC2832/3, +VIN = 15V, Driver sink = +VIN, C/S(+) voltage = +VIN. TA=TJ.
ELECTRICAL CHARACTERISTICS:
3


Número de pieza similar - UC2832DWTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2832DWTR TI1-UC2832DWTR Datasheet
1Mb / 18P
[Old version datasheet]   Precision Low Dropout Linear Controllers
More results

Descripción similar - UC2832DWTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1832 TI1-UC1832_16 Datasheet
1Mb / 18P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC1832 TI-UC1832 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832-EP TI-UC2832-EP Datasheet
555Kb / 13P
[Old version datasheet]   PRECISION LOW DROPOUT LINEAR CONTROLLER
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Rohm
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
logo
Analog Devices
ADP3302 AD-ADP3302 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3302 AD-ADP3302_15 Datasheet
306Kb / 8P
   High Precision anyCAP Dual Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com