Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ULN2003AIDG4 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
ULN2003AIDG4 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 28 page 0 Duty Cycle - % 600 100 0 10 20 30 40 50 60 70 80 90 100 200 300 400 500 TA = 70°C N = Number of Outputs Conducting Simultaneously N = 6 N = 7 N = 5 N = 3 N = 2 N = 1 N = 4 0 II - Input Current - µA 500 200 0 25 50 75 100 125 150 175 50 100 150 200 250 300 350 400 450 VS = 10 V VS = 8 V RL = 10 Ω TA = 25°C 2 1.5 1 0.5 700 600 500 400 300 200 100 0 800 2.5 IC(tot) - Total Collector Current - mA 0 II = 250 µA II = 350 µA II = 500 µA TA = 25°C 0 IC - Collector Current - mA 2.5 800 0 100 200 300 400 500 600 700 0.5 1 1.5 2 II = 350 µA II = 500 µA TA = 25°C II = 250 µA ULN2002A, ULN2003A, ULN2003AI, ULN2004A ULQ2003A, ULQ2004A SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013 www.ti.com TYPICAL CHARACTERISTICS COLLECTOR-EMITTER SATURATION VOLTAGE COLLECTOR-EMITTER SATURATION VOLTAGE vs vs TOTAL COLLECTOR CURRENT (TWO DARLINGTONS IN COLLECTOR CURRENT (ONE DARLINGTON) PARALLEL) Figure 11. Figure 12. D PACKAGE COLLECTOR CURRENT MAXIMUM COLLECTOR CURRENT vs vs INPUT CURRENT DUTY CYCLE Figure 13. Figure 14. 10 Submit Documentation Feedback Copyright © 1976–2013, Texas Instruments Incorporated Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A |
Número de pieza similar - ULN2003AIDG4 |
|
Descripción similar - ULN2003AIDG4 |