Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4108S Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADF4108S
Descripción Electrónicos  PLL Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4108S Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4108S Datasheet HTML 4Page - Analog Devices ADF4108S Datasheet HTML 5Page - Analog Devices ADF4108S Datasheet HTML 6Page - Analog Devices ADF4108S Datasheet HTML 7Page - Analog Devices ADF4108S Datasheet HTML 8Page - Analog Devices ADF4108S Datasheet HTML 9Page - Analog Devices ADF4108S Datasheet HTML 10Page - Analog Devices ADF4108S Datasheet HTML 11Page - Analog Devices ADF4108S Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADF4108S
ASD0016548 Rev. A | Page 8 of 21
TABLE IIA – ELECTRICAL TEST REQUIREMENTS:
Table IIA
Test Requirements
Subgroups (in accordance with
MIL-PRF-38535, Table III)
Interim Electrical Parameters
1
Final Electrical Parameters
1, 2, 3, 4, 5, 6 ,9,10,11 1/ 2/ 3/
Group A Test Requirements
1, 2, 3, 4, 5, 6 ,9,10,11
Group C end-point electrical parameters
1, 2, 3, 4, 5, 6 ,9,10,11 2/
Group D end-point electrical parameters
1, 2, 3, 4, 5, 6 ,9,10,11
Group E end-point electrical parameters
1, 4, 9
Table IIA Notes:
1/
PDA apply to subgroup 1 only. Delta's are not excluded from PDA.
2/
See Table IIB for delta parameters.
3/
Parameters marked with note 2/ in Table I are part of device initial characterization which is only repeated after design and
process changes or with subsequent wafer lots.
TABLE IIB – BURN-IN/GROUP C DELTA LIMITS 1/
Parameters
Symbol
Condition
Delta limits
Units
IDD Supply Current
IDD
VDD = 3.6 V, Vcp = 5.5 V
+/- 0.4
mA
ICP Supply Current
ICP
VDD = 3.6 V, Vcp = 5.5 V
+/- 0.05
mA
Rset Vout
VRSET
VDD = 3.2 V, Vcp = 5.5 V
+/- 0.06
V
Vcp Current, max level
Icp8
VDD = 3.3 V, Vcp = 5.5 V
+/- 0.35
mA
Vcp Current, min level
Icp1
VDD = 3.3 V, Vcp = 5.5 V
+/- 0.08
mA
1/ Conditions match Table I unless otherwise noted.


Número de pieza similar - ADF4108S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BCPZ AD-ADF4108BCPZ Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BCPZ-RL AD-ADF4108BCPZ-RL Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BCPZ-RL7 AD-ADF4108BCPZ-RL7 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4108BRUZ AD-ADF4108BRUZ Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results

Descripción similar - ADF4108S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com