Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2901DR2G Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza LM2901DR2G
Descripción Electrónicos  Single Supply Quad Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2901DR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM2901DR2G Datasheet HTML 2Page - ON Semiconductor LM2901DR2G Datasheet HTML 3Page - ON Semiconductor LM2901DR2G Datasheet HTML 4Page - ON Semiconductor LM2901DR2G Datasheet HTML 5Page - ON Semiconductor LM2901DR2G Datasheet HTML 6Page - ON Semiconductor LM2901DR2G Datasheet HTML 7Page - ON Semiconductor LM2901DR2G Datasheet HTML 8Page - ON Semiconductor LM2901DR2G Datasheet HTML 9Page - ON Semiconductor LM2901DR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
6
APPLICATIONS INFORMATION
These quad comparators feature high gain, wide
bandwidth characteristics. This gives the device oscillation
tendencies if the outputs are capacitively coupled to the
inputs via stray capacitance. This oscillation manifests itself
during output transitions (VOL to VOH). To alleviate this
situation input resistors < 10 k
W should be used. The
addition of positive feedback (< 10 mV) is also
recommended. It is good design practice to ground all
unused input pins.
Differential input voltages may be larger than supply
voltages without damaging the comparator’s inputs.
Voltages more negative than −300 mV should not be used.
10
Figure 9. Zero Crossing Detector
(Single Supply)
Figure 10. Zero Crossing Detector
(Split Supplies)
Vin(min) ≈ 0.4 V peak for 1% phase distortion (Dq).
D1 prevents input from going negative by more than 0.6 V.
R1 + R2 = R3
R3
R5
for small error in zero crossing
Vin
10 k
D1
R1
8.2 k
6.8 k
R2
15 k
R3
+15 V
*
q
VCC
10 k
Vin
VEE
Vin
Vin(min)
VCC
VO
VEE
Dq
q
*
)
10 M
R5
220 k
R4
220 k
VO
VO
+


Número de pieza similar - LM2901DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM2901DR2G ONSEMI-LM2901DR2G Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM2901DR2G ONSEMI-LM2901DR2G Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM2901DR2G ONSEMI-LM2901DR2G Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results

Descripción similar - LM2901DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com