Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES2000-No.3 Datasheet(PDF) 2 Page - Tyco Electronics |
|
ES2000-No.3 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 3 page Tyco Electronics Corporation 300 Constitution Drive Faraday Road 3816 Noborito, Tama-ku Asia Pacific Headquarters Menlo Park, CA 94025-1164 Dorcan, Swindon, SN3 5HH Kawasaki, Kanagawa 214-8533 26 Ang Mo Kio, Industrial Park 2 USA United Kingdom Japan Singapore 569507 Tel: (800) 926-2425 (US & Canada) Tel: +44 1793 528171 Tel: +81 44 900 5102 Tel: +65 4866 151 Tel: +1 (650) 361-3860 (All other countries) Users should independently evaluate the suitability of the product for their application. For more information about this product visit www.tycoelectronics.com All information, including illustrations, is believed to be reliable. Users, however, should independently evaluate the suitability of each product for their application. Tyco Electronics Corporation makes no warranties as to the accuracy or completeness of the information, and disclaims any liability regarding its use. Tyco Electronics Corporation’s only obligations are those in the Standard Terms and Conditions of Sale for these products and in no case will Tyco Electronics Corporation be liable for any incidental, indirect, or consequential damages arising from the sale, resale, use, or misuse of the product. Tyco Electronics Corporation’s Specifications are subject to change without notice. In addition, Tyco Electronics Corporation reserves the right to make changes in materials or processing without notification to the Buyer which do not affect compliance with any applicable specification. Specification values Property Unit Requirement Method of test Material Dimensions mm (inches) See reverse ASTM D 2671 Longitudinal change percent 0 to –10 ASTM D 2671 Tensile strength psi (MPa) 1500 (10.3) minimum ASTM D 2671 Ultimate elongation percent 250 minimum ASTM D 2671 Secant modulus at 2% psi (MPa) 20,000 (137) minimum ASTM D 2671 (expanded)* Heat shock No dripping, flowing or ASTM D 2671 (4 hours at 225°C/437°F) cracking of outer jacket Dynamic cut through pounds (kg) 30 (13.6) minimum ASTM D3032 Volume resistivity ohm-cm 1.0 X 1012 minimum ASTM D 2671 Flammability Self-extinguishing See note below within 30 seconds Splice performance Current leakage microamps 0.25 maximum See note below Room temperature flex test See note below Current leakage microamps 0.25 maximum Thermal shock See note below Current leakage microamps 0.25 maximum Low-temperature flexibility See note below Dielectric withstand No breakdown 1 minute at 1000 V Heat aging See note below Current leakage microamps 0.25 maximum Fluid immersion See note below Current leakage microamps 0.25 maximum Swell percent 50 maximum Note: Consult Raychem RT-1112 for specific details about test procedures. *Calculate based on wall thickness of jacket only. Standard cut lengths Part number Standard cut length Cut length tolerance ES2000-No. 1 27 mm, 50 mm, 65 mm ± 1.5 mm 1220 mm ± 25.4 mm ES2000-No. 2 27 mm, 50 mm, 65 mm ± 1.5 mm 1220 mm ± 25.4 mm ES2000-No. 3 27 mm, 65 mm, 75 mm ± 1.5 mm 1220 mm ± 25.4 mm ES2000-No. 4 27 mm, 75 mm, 90 mm ± 1.5 mm 1220 mm ± 25.4 mm Raychem is a trademark of Tyco Electronics Corporation. |
Número de pieza similar - ES2000-No.3 |
|
Descripción similar - ES2000-No.3 |