Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U1600 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

No. de pieza U1600
Descripción Electrónicos  U1600 Series Handheld Digital Oscilloscopes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1600 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button U1600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Item
U1602A/
U1604A
U1602B/
U1604B
U1560A 1:1 Scope probe
x
-
U1561A 10:1 Scope probe
x
x (2 units)
U1580A Test leads
x
x
U1162A Alligator clips
x
x
USB cable
x
x
U1570A AC power
adapter and cord
x
x
U1571A Ni-MH
battery pack
x
x
Quick Start Guide
x
x
Certificate of calibration
x
x
GENERAL CHARACTERISTICS
Power Adapter
Line voltage range 50/60 Hz, 100 – 240 VAC
Output voltage 12 VDC
Battery
Ni-MH rechargeable battery pack 7.2 V, 4500 mAH
Operating time: 4 hours
Charging time: 5 hours, measurement unit off
Allow ambient temperature during charging: 10 ºC to 40 ºC
Operating Environment
Temperature Operating full accuracy
0 ºC to 50 ºC
Non-operating
–20 ºC to 70 ºC
Humidity
Operating full accuracy
to 80% RH at 40 ºC
Altitude
Operating full accuracy
Up to 2000 m
Non-operating
15000 m (50000 ft)
ESD tolerance ± 4 kV
Safety Compliance
IEC 61010-1: 2001/EN61010-1: 2001
CSA C22.2 No. 61010-1: 2004
Pollution degree 2
This instrument is rated for indoor use only.
Dimensions (HxWxD)
24.1 cm height x 13.8 cm width x 6.6 cm depth
Weight
1.5 kg
I/O
USB 2.0 full-speed client (standard)
USB 2.0 full-speed host (option 001)
Firmware upgrade through USB.
Warranty
3 years for main unit
3 months for standard shipped accessories unless
otherwise stated.
STANDARD SHIPPED ITEMS
ORDERING INFORMATION:
U1602A
U1604A
U1602B
U1604B


Número de pieza similar - U1600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
U1600 KEYSIGHT-U1600 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Descripción similar - U1600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com