Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS2572 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDS2572
Descripción Electrónicos  150V, 0.047 Ohms, 4.9A, N-Channel UltraFET Trench MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2572 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS2572 Datasheet HTML 1Page - Fairchild Semiconductor FDS2572 Datasheet HTML 2Page - Fairchild Semiconductor FDS2572 Datasheet HTML 3Page - Fairchild Semiconductor FDS2572 Datasheet HTML 4Page - Fairchild Semiconductor FDS2572 Datasheet HTML 5Page - Fairchild Semiconductor FDS2572 Datasheet HTML 6Page - Fairchild Semiconductor FDS2572 Datasheet HTML 7Page - Fairchild Semiconductor FDS2572 Datasheet HTML 8Page - Fairchild Semiconductor FDS2572 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
FDS2572 Rev. B, October 2001
Typical Characteristic
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
2
4
6
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
VGS = 10V
0.001
0.01
0.1
1
10-4
10-3
10-2
10-1
100
101
102
103
10-5
2
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
1
10
100
600
t, PULSE WIDTH (s)
VGS = 10V
TC = 25
oC
I = I25
150 - TC
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
10-4
10-3
10-2
10-1
100
101
102
103
10-5
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION


Número de pieza similar - FDS2572

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
More results

Descripción similar - FDS2572

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
   N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75823D3 INTERSIL-HUF75823D3 Datasheet
186Kb / 11P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUF75831SK8 FAIRCHILD-HUF75831SK8 Datasheet
250Kb / 11P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com