Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS3812 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDS3812
Descripción Electrónicos  80V N-Channel Dual PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3812 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS3812 Datasheet HTML 1Page - Fairchild Semiconductor FDS3812 Datasheet HTML 2Page - Fairchild Semiconductor FDS3812 Datasheet HTML 3Page - Fairchild Semiconductor FDS3812 Datasheet HTML 4Page - Fairchild Semiconductor FDS3812 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
May 2001
2001 Fairchild Semiconductor Corporation
FDS3812 Rev B1(W)
FDS3812
80V N-Channel Dual PowerTrench
MOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers.
These MOSFETs feature faster switching and lower
gate charge than other MOSFETs with comparable
R
DS(ON) specifications.
The result is a MOSFET that is
easy and safer to drive (even at very high frequencies),
and DC/DC power supply designs with higher overall
efficiency.
Features
3.4 A, 80 V.
RDS(ON) = 74 m
Ω @ V
GS = 10 V
RDS(ON) = 84 m
Ω @ V
GS = 6 V
• Fast switching speed
• Low gate charge (13nC typ)
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
S2
SO-8
G2
S1
G1
D2
D2
D1
D1
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
80
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current
– Continuous
(Note 1a)
3.4
A
– Pulsed
20
PD
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1.0
(Note 1c)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS3812
FDS3812
13’’
12mm
2500 units


Número de pieza similar - FDS3812

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS3890 FAIRCHILD-FDS3890 Datasheet
85Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
More results

Descripción similar - FDS3812

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS3890 FAIRCHILD-FDS3890 Datasheet
85Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com