Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2707 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC2707
Descripción Electrónicos  DUAL CHANNEL POWER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC2707 Datasheet(HTML) 3 Page - Texas Instruments

  UC2707 Datasheet HTML 1Page - Texas Instruments UC2707 Datasheet HTML 2Page - Texas Instruments UC2707 Datasheet HTML 3Page - Texas Instruments UC2707 Datasheet HTML 4Page - Texas Instruments UC2707 Datasheet HTML 5Page - Texas Instruments UC2707 Datasheet HTML 6Page - Texas Instruments UC2707 Datasheet HTML 7Page - Texas Instruments UC2707 Datasheet HTML 8Page - Texas Instruments UC2707 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
UC1707, UC2707, UC3707
www.ti.com ............................................................................................................................................. SLUS177B – MARCH 1999 – REVISED SEPTEMBER 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply voltage
N/J package
40
V
VC
Collector supply voltage
N/J package
40
V
Output current (each output, source or sink) steady-state
N/J package
±500
mA
N package
±1.5
Peak transient
A
J package
±1.0
N package
20
Capacitive discharge energy
mJ
J package
15
Digital inputs(1)
N/J-package
5.5
V
Analog stop inputs
N/J package
VIN
N package
2
Power dissipation at TA = 25°C
W
J package
1
N package
5
Power dissipation at T (leads/case) = 25°C(1)
W
J package
2
Operating temperature range
–55
+125
°C
Storage temperature range
–65
+150
°C
Lead temperature (soldering, 10 seconds)
300
°C
(1)
All voltages are with respect to the four ground pins which must be connected together. All currents are positive into, negative out of the
specified terminal. Digital drive can exceed 5.5 V if input current is limited to 10 mA. Consult packaging section of databook for thermal
limitations and considerations of package.
Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for the UC1707, –25°C to +85°C for the
UC2707, and 0°C to +70°C for the UC3707; VIN = VC = 20 V. TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Supply current
VIN = 40 V
12
15
mA
VC
Supply current
VC = 40 V, outputs low
5.2
7.5
mA
VC
Leakage current
VIN = 0, VC - 30 V, no load
0.05
0.1
mA
Digital input low level
0.8
V
Digital input high level
2.2
V
Input current
VI = 0
–0.06
–1.0
mA
Input leakage
VI = 5 V
0.05
0.1
mA
IO = –50 mA
2.0
VC – VO Output high sat.
V
IO = –500 mA
2.5
IO = –50 mA
0.4
VO
Output low sat.
V
IO = –500 mA
2.5
Analog threshold
VCM = 0 to 15 V
100
130
160
mV
Input bias current
VCM = 0
–10
–20
µA
Thermal shutdown
155
°C
Shutdown threshold
Pin 7 input
0.4
1.0
2.2
V
Latch disable threshold
Pin 3 input
0.8
1.2
2.2
V
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1707 UC2707 UC3707


Número de pieza similar - UC2707

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2707 TI-UC2707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC2707 TI1-UC2707 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707DW TI1-UC2707DW Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707DWG4 TI1-UC2707DWG4 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707DWTR TI1-UC2707DWTR Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
More results

Descripción similar - UC2707

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Intersil Corporation
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
   Dual Channel Medium Power Differential Line Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com