Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KA79M05RTF Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
KA79M05RTF Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page KA79MXX 2 Absolute Maximum Ratings Electrical Characteristics (KA79M05/KA79M05R) (Refer to test circuit, 0 CTJ +125C, lO =350mA, VI =-10V,unless otherwise specified, CI =0.33F,CO=0.1F) Note: 1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken into account separately. Pulse testing with low duty is used. Parameter Symbol Value Unit Input Voltage(for VO = -5V to -12V) VI -35 V Thermal Resistance Junction-Cases R JC 5 C/W Thermal Resistance Junction-Air R JA 65 C/W Operating Temperature Range TOPR 0 ~ +125 C Storage Temperature Range TSTG -65 ~ +150 C Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = +25C -4.8-5-5.2 V IO = 5mA to 350mA VI = -V7 to -25V -4.75-5-5.25 Line Regulation (Note1) VO TJ =+25C VI= -7V to -25V - 7.0 50 mV VI= -8V to -25V - 2.0 30 Load Regulation (Note1) VO IO = 5mA to 500mA TJ = +25C -30 100 mV Quiescent Current IQ TJ= +25C- 3.0 6.0 mA Quiescent Current Change IQ IO = 5mA to 350mA - - 0.4 mA IO = 200mA VI = -8V to -25V -- 0.4 Output Voltage Drift Vo/TIO = 5mA - -0.2 - mV/ C Output Noise Voltage VN f = 10Hz to 100kHz, TA = +25C- 40 - V Ripple Rejection RR f = 120Hz VJ = -8Vto -18V 54 60 - dB Dropout Voltage VD TJ =+25C, IO = 500mA - 1.1 - V Short Circuit Current ISC TJ = +25C, VI = -35V - 140 - mA Peak Current IPK TJ = +25C - 650 - mA |
Número de pieza similar - KA79M05RTF |
|
Descripción similar - KA79M05RTF |