Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS5680 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDS5680
Descripción Electrónicos  60V N-Channel PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS5680 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS5680 Datasheet HTML 1Page - Fairchild Semiconductor FDS5680 Datasheet HTML 2Page - Fairchild Semiconductor FDS5680 Datasheet HTML 3Page - Fairchild Semiconductor FDS5680 Datasheet HTML 4Page - Fairchild Semiconductor FDS5680 Datasheet HTML 5Page - Fairchild Semiconductor FDS5680 Datasheet HTML 6Page - Fairchild Semiconductor FDS5680 Datasheet HTML 7Page - Fairchild Semiconductor FDS5680 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS5680 Rev.C
Typical Characteristics (continued)
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient themal response will change depending on the circuit board design.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 125°C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
0
2
4
6
8
10
0
7
14
21
28
35
Qg, GATE CHARGE (nC)
ID=8.0A
VDS= 12V
24V
48V
0
500
1000
1500
2000
2500
0
6
12
18
24
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Coss
Crss
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
RDS(ON) Limit
DC
10s
1s
100ms
10ms
1ms
100
µs
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA=125
oC/W
T =25
oC


Número de pieza similar - FDS5680

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS5682 FAIRCHILD-FDS5682 Datasheet
388Kb / 12P
   N-Channel PowerTrench MOSFET
FDS5682 FAIRCHILD-FDS5682 Datasheet
603Kb / 12P
   N-Channel PowerTrench MOSFET 60V, 7.5A, 21m ohm
FDS5682 FAIRCHILD-FDS5682_08 Datasheet
603Kb / 12P
   N-Channel PowerTrench MOSFET 60V, 7.5A, 21m ohm
FDS5682_NL FAIRCHILD-FDS5682_NL Datasheet
388Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Descripción similar - FDS5680

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com